Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194R-58A Datasheet(PDF) 4 Page - Winbond

Part # W83194R-58A
Description  100MHZ AGP CLOCK FOR VIA CHIPSET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-58A Datasheet(HTML) 4 Page - Winbond

  W83194R-58A Datasheet HTML 1Page - Winbond W83194R-58A Datasheet HTML 2Page - Winbond W83194R-58A Datasheet HTML 3Page - Winbond W83194R-58A Datasheet HTML 4Page - Winbond W83194R-58A Datasheet HTML 5Page - Winbond W83194R-58A Datasheet HTML 6Page - Winbond W83194R-58A Datasheet HTML 7Page - Winbond W83194R-58A Datasheet HTML 8Page - Winbond W83194R-58A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
W83194R-58A
PRELIMINARY
Publication Release Date: Nov. 1999
- 4 -
Revision 0.30
AGP[ 0:1]
15,47
OUT
Accelerate Graphic Port clock outputs
SDRAM11/
CPU_STOP#
17
I/O
If MODE =1 (default), then this pin is a SDRAM clock
buffered output of the crystal. If MODE = 0 , then this
pin is CPU_STOP# input used in power
management mode for synchronously stopping the
all CPU clocks.
SDRAM10/
PCI_STOP#
18
I/O
If MODE = 1 (default), then this pin is a SDRAM
clock output. If MODE = 0 , then this pin is
PCI_STOP # and used in power management mode
for synchronously stopping the all PCI clocks.
SDRAM [ 0:9]
20,21,28,29,31
,32,34,
35,37,38
O
SDRAM clock outputs which have the same
frequency as CPU clocks.
PCICLK_F/ *FS1
7
I/O
Latched input for FS1 at initial power up for H/W
selecting the output frequency of CPU, SDRAM and
PCI clocks.
Free running PCI clock during normal operation.


Similar Part No. - W83194R-58A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-58 WINBOND-W83194R-58 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
More results

Similar Description - W83194R-58A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194R-67A WINBOND-W83194R-67A Datasheet
237Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
W83194R-67B WINBOND-W83194R-67B Datasheet
260Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
logo
AAEON Technology
AES-6100B AAEON-AES-6100B Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
logo
Cypress Semiconductor
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com