Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25VN02-G Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # FM25VN02-G
Description  256Kb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25VN02-G Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FM25VN02-G Datasheet HTML 7Page - Cypress Semiconductor FM25VN02-G Datasheet HTML 8Page - Cypress Semiconductor FM25VN02-G Datasheet HTML 9Page - Cypress Semiconductor FM25VN02-G Datasheet HTML 10Page - Cypress Semiconductor FM25VN02-G Datasheet HTML 11Page - Cypress Semiconductor FM25VN02-G Datasheet HTML 12Page - Cypress Semiconductor FM25VN02-G Datasheet HTML 13Page - Cypress Semiconductor FM25VN02-G Datasheet HTML 14Page - Cypress Semiconductor FM25VN02-G Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FM25V02 - 256Kb SPI FRAM
Rev. 3.0
Jan. 2012
Page 11 of 17
Figure 15. Read Serial Number
Endurance
The FM25V02 and FM25VN02 device is capable of
being accessed at least 10
14 times, reads or writes. An
F-RAM memory operates with a read and restore
mechanism. Therefore, an endurance cycle is applied
on a row basis for each access (read or write) to the
memory array. The F-RAM architecture is based on
an array of rows and columns. Rows are defined by
A14-A3 and column addresses by A2-A0. See Block
Diagram (pg 2) which shows the array as 4K rows of
64-bits each. The entire row is internally accessed
once whether a single byte or all eight bytes are read
or written. Each byte in the row is counted only once
in an endurance calculation. The table below shows
endurance calculations for 64-byte repeating loop,
which includes an op-code, a starting address, and a
sequential 64-byte data stream. This causes each byte
to experience one endurance cycle through the loop.
F-RAM read and write endurance is virtually
unlimited even at 40MHz clock rate.
Table 7. Time to Reach 100 Trillion Cycles for Repeating 64-byte Loop
SCK Freq
(MHz)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to Reach
10
14 Cycles
40
74,620
2.35 x 10
12
42.6
20
37,310
1.18 x 10
12
85.1
10
18,660
5.88 x 10
11
170.2
5
9,330
2.94 x 10
11
340.3
S
C
D
Q
Byte 7
Byte 6
. . .
C3h
. . . . . . .
Byte 1
Byte 0


Similar Part No. - FM25VN02-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25VN02-G RAMTRON-FM25VN02-G Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25VN02-GTR RAMTRON-FM25VN02-GTR Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25VN02-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com