Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25V10-GTR Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # FM25V10-GTR
Description  1Mb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V10-GTR Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button FM25V10-GTR Datasheet HTML 4Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 5Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 9Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 10Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 11Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FM25V10 - 1Mb SPI FRAM
Rev. 3.0
Jan. 2012
Page 8 of 16
Figure 9. Memory Write with 3-Byte Address
Figure 10. Memory Read with 3-Byte Address
Figure 11. Fast Read with 3-Byte Address and Dummy Byte
7
6
0
1
2
3
4
5
6
7
0
1
2
3
5
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
1
0
1
MSB
17-bit Address
0
0
0
0
A1
X
X
X
X
7
6
5
4
3
2
1
0
LSB
MSB
LSB
Data
1
A2
S
C
D
Q
A0
Dummy byte
7
6
0
1
2
3
4
5
6
7
0
1
2
3
4
5
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
0
0
1
MSB
17-bit Address
0
0
0
0
0
0
7
6
5
4
3
2
1
0
LSB
MSB
LSB
Data
1
0
S
C
D
Q
A16
A3
A1
A2
A0
0
1
2
3
4
5
6
7
0
1
2
3
4
5
op-code
0
0
0
0
0
0
1
0
MSB
17-bit Address
0
0
6
0
0
0
0
0
S
C
D
Q
7
A16
A1
A2
A3
4
5
6
7
0
1
2
3
4
5
6
7
A0
7
6
5
4
3
2
1
0
LSB MSB
LSB
Data


Similar Part No. - FM25V10-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V10-GTR RAMTRON-FM25V10-GTR Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10-GTR CYPRESS-FM25V10-GTR Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
More results

Similar Description - FM25V10-GTR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10 Datasheet
441Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM25V10 CYPRESS-FM25V10_13 Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10_13 Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com