Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194R-KX Datasheet(PDF) 8 Page - Winbond

Part # W83194R-KX
Description  133MHZ 3-DIMM K7 CLOCK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-KX Datasheet(HTML) 8 Page - Winbond

Back Button W83194R-KX Datasheet HTML 4Page - Winbond W83194R-KX Datasheet HTML 5Page - Winbond W83194R-KX Datasheet HTML 6Page - Winbond W83194R-KX Datasheet HTML 7Page - Winbond W83194R-KX Datasheet HTML 8Page - Winbond W83194R-KX Datasheet HTML 9Page - Winbond W83194R-KX Datasheet HTML 10Page - Winbond W83194R-KX Datasheet HTML 11Page - Winbond W83194R-KX Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
W83194R-KX
PRELIMINARY
Publication Release Date: Nov. 1999
- 8 -
Revision 0.35
8.3 SERIAL CONTROL REGISTERS
The Pin column lists the affected pin number and the @PowerUp column gives the default state at
true power up.
"Command Code" byte and "Byte Count"
byte must be sent following the
acknowledge of the Address Byte. Although the data (bits) in these two bytes are considered "don't
care", they must be sent and will be acknowledge.
After that,
the sequence described below
(Register 0, Register 1, Register 2, ....) will be valid and acknowledged.
Frequency table by software via I2C
SSEL3
SSEL2
SSEL1
SSEL0
CPU(MHz)
PCI(MHz)
1
1
1
1
95
31.7
1
1
1
0
103
34.3
1
1
0
1
105
35
1
1
0
0
108
36
1
0
1
1
90
30
1
0
1
0
110
36.7
1
0
0
1
115
38.3
1
0
0
0
120
30
0
1
1
1
133.3
33.3
0
1
1
0
83
33.3
0
1
0
1
100.2
33.3
0
1
0
0
66.8
33.4
0
0
1
1
124
31
0
0
1
0
129
32.3
0
0
0
1
138
34.5
0
0
0
0
143
35.8


Similar Part No. - W83194R-KX

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194R-17A WINBOND-W83194R-17A Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83194R-39A WINBOND-W83194R-39A Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
More results

Similar Description - W83194R-KX

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-KT WINBOND-W83194BR-KT Datasheet
177Kb / 13P
   STEP-LESS 3-DIMM K7 CLOCK
logo
Texas Instruments
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
logo
Winbond
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
logo
Integrated Circuit Syst...
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
logo
Winbond
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
logo
Integrated Circuit Syst...
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
   AMD - K7??System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com