Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS1A04AQ3BT4 Datasheet(PDF) 7 Page - Honeywell Accelerometers

Part # WLS1A04AQ3BT4
Description  Limitless??Single Switch Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WLS1A04AQ3BT4 Datasheet(HTML) 7 Page - Honeywell Accelerometers

  WLS1A04AQ3BT4 Datasheet HTML 1Page - Honeywell Accelerometers WLS1A04AQ3BT4 Datasheet HTML 2Page - Honeywell Accelerometers WLS1A04AQ3BT4 Datasheet HTML 3Page - Honeywell Accelerometers WLS1A04AQ3BT4 Datasheet HTML 4Page - Honeywell Accelerometers WLS1A04AQ3BT4 Datasheet HTML 5Page - Honeywell Accelerometers WLS1A04AQ3BT4 Datasheet HTML 6Page - Honeywell Accelerometers WLS1A04AQ3BT4 Datasheet HTML 7Page - Honeywell Accelerometers WLS1A04AQ3BT4 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Honeywell•SensingandControl7
Limitless™ Single Switch Adapter
ANTENNA CABLE OPTIONS
WCA200RNPRSP-002CableAssembly:2ft1
WCA200RNPRSP-010CableAssembly:10ft1
1
use only with WAN06RNJ antenna and when extra cable is desired
WCA200RNJRSP-002CableAssembly:2feetlength2
WCA200RNJRSP-005CableAssembly:5feetlength2
WCA200RNJRSP-010CableAssembly:10feetlength2
WCA200RNJRSP-015CableAssembly:15feetlength2
WCA200RNJRSP-020CableAssembly:20feetlength2
2
Use when extra cable length is desired and allows connection from RP-SMA jack to
RP-SMA plug
MOUNTING OPTIONS
Limitless™ Panel Mount Accessories
WAMM100RSP-005MagneticAntennaMount:w/5ftofcable3
WAMM100RSP-010MagneticAntennaMount:w/10ftofcable3
3
Use only with WAN01RSP, WAN02RSP, WAN04RSP, WAN05RSP, or WAN08RSP
antennas


Similar Part No. - WLS1A04AQ3BT4

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WLS1A00AQRS1 HONEYWELL-ACC-WLS1A00AQRS1 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A00AQRS2 HONEYWELL-ACC-WLS1A00AQRS2 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A00BQRS1 HONEYWELL-ACC-WLS1A00BQRS1 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A00BQRS2 HONEYWELL-ACC-WLS1A00BQRS2 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
More results

Similar Description - WLS1A04AQ3BT4

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WOI1A00APAG HONEYWELL-ACC-WOI1A00APAG Datasheet
1Mb / 7P
   Limitless??Wireless Operator Interface
logo
Lumileds Lighting Compa...
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
   Unique LED enabling limitless design freedom
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
Phihong USA Inc.
PSS45W-090 PHIHONG-PSS45W-090 Datasheet
182Kb / 2P
   Single Output Adapter Series
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
HD-3000S ETC2-HD-3000S Datasheet
1Mb / 3P
   Single Channel HD-SDI Adapter
logo
PHOENIX CONTACT
2700150 PHOENIX-2700150 Datasheet
48Kb / 2P
   Adapter for single-hole mounting
logo
ETA-USA
WTA20-SX-Y-C2 ETA-USA-WTA20-SX-Y-C2 Datasheet
341Kb / 5P
   20 WATT SINGLE OUTPUT SWITCHING ADAPTER
DTT36-SX-W ETA-USA-DTT36-SX-W Datasheet
565Kb / 4P
   36 WATT SINGLE OUTPUT SWITCHING ADAPTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com