Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83195R-08 Datasheet(PDF) 7 Page - Winbond

Part # W83195R-08
Description  150MHZ 4-DIMM CLOCK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195R-08 Datasheet(HTML) 7 Page - Winbond

Back Button W83195R-08 Datasheet HTML 3Page - Winbond W83195R-08 Datasheet HTML 4Page - Winbond W83195R-08 Datasheet HTML 5Page - Winbond W83195R-08 Datasheet HTML 6Page - Winbond W83195R-08 Datasheet HTML 7Page - Winbond W83195R-08 Datasheet HTML 8Page - Winbond W83195R-08 Datasheet HTML 9Page - Winbond W83195R-08 Datasheet HTML 10Page - Winbond W83195R-08 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
W83195R-08
PRELIMINARY
Publication Release Date: Mar. 1999
- 7 -
Revision 0.30
Bytes sequence order for I
2C controller :
Clock Address
A(6:0) & R/W
Ack
8 bits dummy
Command code
Ack
8 bits dummy
Byte count
Ack
Byte0,1,2...
until Stop
Set R/W to 1 when read back the data sequence is as follows [1101 0011] :
Clock Address
A(6:0) & R/W
Ack
Byte 0
Ack
Ack
Byte2, 3, 4...
until Stop
Byte 1
8.3 SERIAL CONTROL REGISTERS
The Pin column lists the affected pin number and the PowerUp column gives the default state at true
power up. "Command Code" byte and "Byte Count" byte must be sent following the acknowledge of
the Address Byte. Although the data (bits) in these two bytes are considered "don't care", they must
be sent and will be acknowledge.
After that, the sequence described below (Register 0, Register 1,
Register 2, ....) will be valid and acknowledged.
8.3.1 Register 0: CPU Frequency Select Register (default = 0)
Bit
@PowerUp
Pin
Description
7
0
-
0 = ¡Ó0.25% Spread Spectrum Modulation
1 = ¡Ó0.5% Spread Spectrum Modulation
6
0
-
SSEL2 (for frequency table selection by software via I
2C)
5
0
-
SSEL1 (for frequency table selection by software via I
2C)
4
0
-
SSEL0 (for frequency table selection by software via I
2C)
3
0
-
0 = Selection by hardware
1 = Selection by software I
2C - Bit 6:4, 2
2
0
-
SSEL3 (for frequency table selection by software via I
2C)
1
0
-
0 = Normal
1 = Spread Spectrum enabled
0
0
-
0 = Running
1 = Tristate all outputs
Note : The frequency table selected by software via I
2C is the same as the hardware setting
frequency table.


Similar Part No. - W83195R-08

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83195BG-101 WINBOND-W83195BG-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BG-118 WINBOND-W83195BG-118 Datasheet
361Kb / 28P
   Clock Generator
W83195BG-341 WINBOND-W83195BG-341 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results

Similar Description - W83195R-08

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194AR-73 WINBOND-W83194AR-73 Datasheet
135Kb / 10P
   150MHZ CLOCK FOR WHITNEY CHIPSET
W83194AR-W WINBOND-W83194AR-W Datasheet
171Kb / 12P
   150MHZ CLOCK FOR WHITNEY CHIPSET
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
logo
Renesas Technology Corp
844244I-04 RENESAS-844244I-04 Datasheet
413Kb / 17P
   FemtoClock® Crystal-to-LVDS 150MHz Clock Generator
10/15/15
logo
Winbond
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-KT WINBOND-W83194BR-KT Datasheet
177Kb / 13P
   STEP-LESS 3-DIMM K7 CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com