Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83195R-08 Datasheet(PDF) 1 Page - Winbond

Part # W83195R-08
Description  150MHZ 4-DIMM CLOCK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195R-08 Datasheet(HTML) 1 Page - Winbond

  W83195R-08 Datasheet HTML 1Page - Winbond W83195R-08 Datasheet HTML 2Page - Winbond W83195R-08 Datasheet HTML 3Page - Winbond W83195R-08 Datasheet HTML 4Page - Winbond W83195R-08 Datasheet HTML 5Page - Winbond W83195R-08 Datasheet HTML 6Page - Winbond W83195R-08 Datasheet HTML 7Page - Winbond W83195R-08 Datasheet HTML 8Page - Winbond W83195R-08 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
W83195R-08
150MHZ 4-DIMM CLOCK
Publication Release Date: Mar. 1999
- 1 -
Revision 0.30
1.0 GENERAL DESCRIPTION
The W83195R-08 is a Clock Synthesizer which provides all clocks required for high-speed RISC or
CISC microprocessor such as Intel Pentium II. W83195R-08 provides sixteen CPU/PCI frequencies
which are externally selectable with smooth transitions. W83195R-08 also provides 17 SDRAM clocks
controlled by the none-delay buffer_in pin.
The W83195R-08 accepts a 14.318 MHz reference crystal as its input and runs on a 3.3V supply.
Spread spectrum built in at ¡Ó0.5% or ¡Ó0.25% to reduce EMI. Programmable stopping individual
clock outputs and frequency selection through I
2C interface. The device meets the Pentium power-up
stabilization, which requires CPU and PCI clocks be stable within 2 ms after power-up. Using dual
function pin for the slots(ISA, PCI, CPU, DIMM) is not recommend. The add on cards may have a
pull up or pull down.
High drive seven PCI and SDRAM CLOCK outputs typically provide greater than 1 V /ns slew rate
into 30 pF loads. Two CPU CLOCK outputs typically provide better than 1 V /ns slew rate into 20 pF
loads, when maintaining 50¡Ó 5% duty cycle. The fixed frequency outputs, such as REF, 24MHz and
48 MHz provide better than 0.5V /ns slew rate.
2.0 PRODUCT FEATURES
• Supports Pentium™ II CPU with I2C.
• 3 CPU clocks (one free-running CPU clock)
• 17 SDRAM clocks for 4 DIMs
• 7 PCI synchronous clocks
• Two IOAPIC clocks for multiprocessor support
• Optional single or mixed supply:
(Vddq1=Vddq2 = Vddq3 = Vddq4 = VddL1 =VddL2= 3.3V) or (Vddq1= Vddq2 = Vddq3=Vddq4 =
3.3V, VddL1 = VdqL2 = 2.5V)
• < 250ps skew among CPU and SDRAM clocks
• < 250ps skew among PCI clocks
• < 5ns propagation delay SDRAM from buffer input
Skew from CPU(earlier) to PCI clock -1 to 4ns, center 2.6ns.
Smooth frequency switch with selections from 50 MHz to 133 MHz CPU
I
2C 2-Wire serial interface and I2C read back
• ¡Ó0.25% or ¡Ó0.5% center type spread spectrum function to reduce EMI
• Programmable registers to enable/stop each output and select modes
(mode as Tri-state or Normal )
• MODE pin for power Management
• One 48 MHz for USB & one 24 MHz for super I/O
• 56-pin SSOP package


Similar Part No. - W83195R-08

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83195BG-101 WINBOND-W83195BG-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BG-118 WINBOND-W83195BG-118 Datasheet
361Kb / 28P
   Clock Generator
W83195BG-341 WINBOND-W83195BG-341 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results

Similar Description - W83195R-08

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194AR-73 WINBOND-W83194AR-73 Datasheet
135Kb / 10P
   150MHZ CLOCK FOR WHITNEY CHIPSET
W83194AR-W WINBOND-W83194AR-W Datasheet
171Kb / 12P
   150MHZ CLOCK FOR WHITNEY CHIPSET
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
logo
Renesas Technology Corp
844244I-04 RENESAS-844244I-04 Datasheet
413Kb / 17P
   FemtoClock® Crystal-to-LVDS 150MHz Clock Generator
10/15/15
logo
Winbond
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-KT WINBOND-W83194BR-KT Datasheet
177Kb / 13P
   STEP-LESS 3-DIMM K7 CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com