Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV315 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 1SV315
Description  Variabe resistance Attenuator Use
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV315 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  1SV315_12 Datasheet HTML 1Page - Sanyo Semicon Device 1SV315_12 Datasheet HTML 2Page - Sanyo Semicon Device 1SV315_12 Datasheet HTML 3Page - Sanyo Semicon Device 1SV315_12 Datasheet HTML 4Page - Sanyo Semicon Device 1SV315_12 Datasheet HTML 5Page - Sanyo Semicon Device 1SV315_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1SV315
No.6261-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=10μA50
V
Reverse Current
IR
VR=50V
0.1
μA
Forward Voltage
VF
IF=50mA
0.95
1.0
V
Interterminal Capacitance
C
VR=50V, f=1MHz
0.23
pF
Series Resistance
rs
IF=10μA, f=100MHz
2400
Ω
IF=10mA, f=100MHz
4
6
9
Ω
Note ) The specifications shown above are for each individual diode.
Ordering Information
Device
Package
Shipping
memo
1SV315-TL-E
MCP
3,000pcs./reel
Pb Free


Similar Part No. - 1SV315_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SV315-TL-E ONSEMI-1SV315-TL-E Datasheet
268Kb / 6P
   PIN Diode
September, 2013
More results

Similar Description - 1SV315_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV315 SANYO-1SV315 Datasheet
30Kb / 3P
   Variabe resistance Attenuator Use
1SV294 SANYO-1SV294 Datasheet
62Kb / 3P
   Variabe Resistance Attenuator Use
1SV316 SANYO-1SV316 Datasheet
30Kb / 3P
   Variabe resistance Attenuator Use
logo
Fuji Electric
EDS2-21C FUJI-EDS2-21C Datasheet
340Kb / 10P
   PLATINUM RESISTANCE BULB FOR GENERAL USE
logo
Murata Manufacturing Co...
DFE252012F MURATA-DFE252012F Datasheet
187Kb / 1P
   The use of Flat wire for Low DC resistance
DFE252012P MURATA-DFE252012P Datasheet
217Kb / 1P
   The use of Flat wire for Low DC resistance
logo
TOKO, Inc
DFE201210U TOKO-DFE201210U Datasheet
210Kb / 1P
   The use of Flat wire for Low DC resistance
DFE252010F TOKO-DFE252010F Datasheet
229Kb / 1P
   The use of Flat wire for Low DC resistance
logo
Murata Manufacturing Co...
DFE252012C MURATA-DFE252012C Datasheet
217Kb / 1P
   The use of Flat wire for Low DC resistance
DFE201610P MURATA-DFE201610P Datasheet
174Kb / 1P
   The use of Flat wire for Low DC resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com