Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3648 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC3648
Description  High-Voltage Switching, Preriver Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3648 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC3648 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3648 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3648 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3648 Datasheet HTML 4Page - Sanyo Semicon Device 2SC3648 Datasheet HTML 5Page - Sanyo Semicon Device 2SC3648 Datasheet HTML 6Page - Sanyo Semicon Device 2SC3648 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SA1418 / 2SC3648
No.1788-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
500
mW
When mounted on ceramic substrate (250mm2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)120V, IE=0A
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
μA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)100mA
100*
400*
hFE2VCE=(--)5V, IC=(--)10mA
90
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
120
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(11)8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)250mA, IB=(--)25mA
(--0.2)0.12
(--0.5)0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)250mA, IB=(--)25mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)180
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)160
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-ON Time
ton
See specified Test Circuit.
(60)50
ns
Storage Time
tstg
(900)1000
ns
Fall Time
tf
(60)60
ns
* : The 2SA1418 / 2SC3648 are classified by 100mA hFE as follows :
Rank
R
S
T
hFE
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA1418S-TD-E
PCP
1,000pcs./reel
Pb Free
2SC3648S-TD-E
PCP
1,000pcs./reel
2SC3648T-TD-E
PCP
1,000pcs./reel
INPUT
100V
50
Ω
100
μF
470
μF
--5V
IC=20IB1=--20IB2=300mA
(For PNP, the polarity is reversed)
+
+
VR
PW=20
μs
D.C.
≤1%
333
Ω
RB
IB1
IB2


Similar Part No. - 2SC3648

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3648 SANYO-2SC3648 Datasheet
113Kb / 4P
   High-Voltage Switching, Predriver Applications
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Guangdong Kexin Industr...
2SC3648 KEXIN-2SC3648 Datasheet
495Kb / 3P
   High-Voltage Switching Applications
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
233Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Sanyo Semicon Device
2SC3648 SANYO-2SC3648 Datasheet
102Kb / 5P
   High-Voltage Switching, Preriver Applications
More results

Similar Description - 2SC3648

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418_10 Datasheet
102Kb / 5P
   High-Voltage Switching, Preriver Applications
logo
ON Semiconductor
2SC3648T ONSEMI-2SC3648T Datasheet
134Kb / 5P
   High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
2SA1418 ONSEMI-2SA1418 Datasheet
134Kb / 5P
   High-Voltage Switching Preriver Applications
Jan-2011, Rev. 0
2SC3648S ONSEMI-2SC3648S Datasheet
134Kb / 5P
   High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com