Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1593 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA1593
Description  High-Voltage Switching Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1593 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA1593 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1593 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1593 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1593 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1593 Datasheet HTML 5Page - Sanyo Semicon Device 2SA1593 Datasheet HTML 6Page - Sanyo Semicon Device 2SA1593 Datasheet HTML 7Page - Sanyo Semicon Device 2SA1593 Datasheet HTML 8Page - Sanyo Semicon Device 2SA1593 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SA1593/2SC4135
No.2511-4/9
f T -- IC
Collector Current, IC -- A
VBE(sat) -- IC
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
2
7
5
3
2
7
5
3
--100
--10
--1000
2
73
5
2
72
3
3
57
--0.01
--0.1
--1.0
ITR04021
2
7
5
3
2
7
5
3
100
10
1000
2SA1593
IC / IB=10
--25
°C
25°C
Ta=75
°C
2
73
5
2
72
3
3
57
0.01
0.1
1.0
ITR04022
2SC4135
IC / IB=10
25°
C
Ta=75
°C
--25
°C
100
10
0.01
0.1
3
2
2
7
5
3
27
32
3
5
27
73
5
1.0
2SA1593 / 2SC4135
VCE=10V
ITR04019
2SA1593
2SC4135
1000
100
1.0
10
7
5
3
2
7
5
3
22
7
35
27
73
5
100
ITR04020
2SA1593
2SC4135
2SA1593 / 2SC4135
f=1MHz
1.0
0.1
0.01
5
5
3
2
5
5
3
2
3
2
1.0
10
57
2
3
35
7
100
22
35
7
0
16
12
14
15
10
8
6
1
4
2
20
060
40
80
100
140
120
160
2SA1593 / 2SC4135
ITR04026
ITR04025
ICP=3.0A
ITR04023
3
5
5
3
2
7
7
--1.0
--10
2
73
5
7
2
2
33
57
--0.01
--0.1
--1.0
2SA1593
IC / IB=10
75
°C
25
°C
Ta=--25°C
ITR04024
3
5
5
3
2
7
7
1.0
10
2
73
5
7
2
2
33
57
0.01
0.1
1.0
2SC4135
IC / IB=10
75°C
25
°C
Ta=--25°C
DC
operation
Ta=25
°C
1ms
IC=2.0A
2SA1593 / 2SC4135
Tc=25
°C
Single Pulse
For PNP, minus sign is omitted
No heat sink
PC -- Ta
For PNP, minus sign is omitted
For PNP, minus sign is omitted


Similar Part No. - 2SA1593

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1593 SANYO-2SA1593 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SA1593 ONSEMI-2SA1593 Datasheet
385Kb / 9P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
logo
Inchange Semiconductor ...
2SA1593 ISC-2SA1593 Datasheet
339Kb / 3P
   isc Silicon PNP Power Transistor
logo
ON Semiconductor
2SA1593S-E ONSEMI-2SA1593S-E Datasheet
385Kb / 9P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1593S-E ONSEMI-2SA1593S-E Datasheet
385Kb / 9P
   Bipolar Transistor
September, 2013
More results

Similar Description - 2SA1593

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com