Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83626F Datasheet(PDF) 7 Page - Winbond

Part # W83626F
Description  LPC-to-ISA Bridge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83626F Datasheet(HTML) 7 Page - Winbond

  W83626F Datasheet HTML 1Page - Winbond W83626F Datasheet HTML 2Page - Winbond W83626F Datasheet HTML 3Page - Winbond W83626F Datasheet HTML 4Page - Winbond W83626F Datasheet HTML 5Page - Winbond W83626F Datasheet HTML 6Page - Winbond W83626F Datasheet HTML 7Page - Winbond W83626F Datasheet HTML 8Page - Winbond W83626F Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LPC TO ISA BRIDGE SET
W83626F/W83626D
PRELIMINARY
Publication Release Date: Feb 2000
- 5 -
Revision 0.50
LPC Interface, continued
SYMBOL
PIN
I/O
FUNCTION
PWRDN#
24
INtu
Power Down. The signal is active low according to CR 44 Bit 7and
wake-up enable by hardware setting. There are eight different
power-down states (Power down Mode 3).
ISA Interface Signals
SYMBOL
PIN
I/O
FUNCTION
SA[19:17]
58-56
OUT24
System Address Bus. These are the upper address lines that
define the ISA’s byte granular address space (up to 1 M byte).
SA[19:17] are at an unknown state upon PCIRST#.
SA[16:0]
54-51
49-46
44-41
35-31
OUT24
System Address Bus. These are the bi-directional lower address
lines that define the ISA’s byte granular address space (up to 1 M
byte). SA[16:0] are at an unknown state upon PCIRST#.
SD[15:0]
122-1
21
119-1
14
75-71
69-67
OUT24
System Data. SD[15:0] provide the 16-bit data path for devices
residing on the ISA Bus. The W83626F tri-states SD[15:0] during
PCIRST#.
AEN
59
OUT24
Address Enable. AEN is asserted during DMA cycles. This signal
is also driven high during W83626F initiated refresh cycles. AEN is
driven low upon PCIRST#.
IOR#
86
OUT24
I/O Read. IOR# is the command to an ISA I/O slave device that the
slave may drive data on to the ISA data bus (SD[15:0]).
IOW#
84
OUT24
I/O Write. IOW# is the command to an ISA I/O slave device that
the slave may latch data from the ISA data bus (SD[15:0]).
IOCHRDY
61
INt
I/O Channel Ready. Resources on the ISA Bus negate IOCHRDY
to indicate that additional time (wait states) is required to complete
the cycle.
SYSCLK
92
OUT24
ISA System Clock. SYSCLK is the reference clock for the ISA
bus. The SYSCLK is generated by dividing PCICLK by 3 or 4.
RSTDRV
77
OUT24
Reset Drive. W83628F asserts RSTDRV to reset devices that
reside on the ISA Bus. The W83628F asserts this signal while the
PCIRST# is asserted.
IOCS16#
11
INt
16-bit I/O Chip Select. This signal is driven by I/O devices on the
ISA Bus to indicate that they support 16-bit I/O bus cycles.


Similar Part No. - W83626F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83626F WINBOND-W83626F Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
More results

Similar Description - W83626F

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
   LPC to ISA Bridge
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
logo
Winbond
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
   ISA/LPC to 6 UART Datasheet
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
   eSPI to LPC Bridge
02/28/20
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
   PC87200 PCI to ISA Bridge
logo
Winbond
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
   2-slot CardBus Module PCI to ISA Bridge Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com