Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4488 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4488
Description  High-Voltage Switching Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4488 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4488 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SA1708 / 2SC4488
No.3094-1/8
Features
Adoption of FBET, MBIT processes
High breakdown voltage, large current capacity
Fast switching speed
( )2SA1708
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1
A
Collector Current (Pulse)
ICP
(--)2
A
Collector Dissipation
PC
1W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7540-001
Ordering number : EN3094B
82912 TKIM TC-00002802/22509EA MSIM TC-00001859/93003TN (KT)/83098HA(KT)/4249MO, TS
SANYO Semiconductors
DATA SHEET
2SA1708 / 2SC4488 PNP/NPNEpitaxialPlanarSiliconTransistor
High-Voltage Switching Applications
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package : NMP(Taping)
• JEITA, JEDEC : SC-71
• Minimum Packing Quantity : 2,500 pcs./box
Marking(NMP(Taping))
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
SANYO : NMP(Taping)
6.9
3
2
1
2.5
1.05
1.45
2.54
2.54
0.6
0.45
0.5
0.9
2SA1708S-AN
2SA1708T-AN
2SC4488S-AN
2SC4488T-AN
A1708
LOT No.
RANK
C4488
LOT No.
RANK
2
1
3
2SC4488
2
1
3
2SA1708


Similar Part No. - 2SC4488

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4488 SANYO-2SC4488 Datasheet
124Kb / 4P
   High-Voltage Switching Applications
2SC4488 SANYO-2SC4488 Datasheet
74Kb / 5P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4488 ONSEMI-2SC4488 Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SC4488 ONSEMI-2SC4488 Datasheet
632Kb / 8P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SC4488S-AN ONSEMI-2SC4488S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
More results

Similar Description - 2SC4488

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com