Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83782 Datasheet(PDF) 8 Page - Winbond

Part # W83782
Description  MONITORING IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83782 Datasheet(HTML) 8 Page - Winbond

Back Button W83782 Datasheet HTML 4Page - Winbond W83782 Datasheet HTML 5Page - Winbond W83782 Datasheet HTML 6Page - Winbond W83782 Datasheet HTML 7Page - Winbond W83782 Datasheet HTML 8Page - Winbond W83782 Datasheet HTML 9Page - Winbond W83782 Datasheet HTML 10Page - Winbond W83782 Datasheet HTML 11Page - Winbond W83782 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Preliminary W83782D
- 2 -
2. FEATURES
2.1 Monitoring Items
• 3 thermal inputs from remote thermistors or 2N3904 NPN-type transistors or PentiumTM II
(Deschutes) thermal diode output
• 9 voltage inputs
--- typical for Vcore, +3.3V, +12V, -12V, +5V, -5V, +5V Vsb, Vbat, and one reserved
• 3 fan speed monitoring inputs
• Case open detection input
• WATCHDOG comparison of all monitored values
• Programmable hysteresis and setting points (alarm thresholds) for all monitored items
2.2 Actions Enabling
• Beep tone warning
• 4 PWM (pulse width modulation) outputs for fan speed control (3 are MUX optional)
--- Total up to 3 sets of fan speed monitoring and controlling
• Issue SMI#, OVT#, GPO# signals to activate system protection
• Warning signal pop-up in application software
2.3 General
• ISA and I2CTM serial bus interface
• 5 VID input pins for CUP Vcore identification (for PentiumTM II)
• Initial power fault beep (for +3.3V, Vcore)
• Master reset input to W83782D
• Independent power plane of digital Vcc and analog Vcc (inputs to IC)
• 3 pins (IA0, IA1, IA2) to provide selectable address setting for application of multiple devices (up
to 8 devices) wired through I
2CTM interface
• IntelTM LDCM (DMI driver 2.0) support
• AcerTM ADM (DMI driver 2.0) support
• Winbond hardware monitoring application software (Hardware DoctorTM ) support, for both
Windows 95/98 and Windows NT 4.0/5.0
• Input clock rate optional for 24, 48, 14.318 Mhz
• 5V Vcc operation
2.4 Package
• 48-pin LQFP


Similar Part No. - W83782

ManufacturerPart #DatasheetDescription
logo
Winbond
W83782D WINBOND-W83782D Datasheet
850Kb / 62P
   H/W MONITORING IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83782G WINBOND-W83782G Datasheet
850Kb / 62P
   H/W MONITORING IC
More results

Similar Description - W83782

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
   Monitoring IC
W83783S WINBOND-W83783S Datasheet
312Kb / 10P
   MONITORING IC
W83L784R WINBOND-W83L784R_05 Datasheet
589Kb / 52P
   Monitoring IC
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
logo
Seiko Instruments Inc
S-8239BAA-M6T1U SII-S-8239BAA-M6T1U Datasheet
1Mb / 25P
   OVERCURRENT MONITORING IC
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S-8225BAA-TCT1U SII-S-8225BAA-TCT1U Datasheet
1Mb / 24P
   BATTERY MONITORING IC
S-8239AAA-M6T1U SII-S-8239AAA-M6T1U Datasheet
2Mb / 30P
   OVERCURRENT MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com