Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPMM1A02B Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # WPMM1A02B
Description  Limitless??Single Switch Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WPMM1A02B Datasheet(HTML) 6 Page - Honeywell Accelerometers

  WPMM1A02B Datasheet HTML 1Page - Honeywell Accelerometers WPMM1A02B Datasheet HTML 2Page - Honeywell Accelerometers WPMM1A02B Datasheet HTML 3Page - Honeywell Accelerometers WPMM1A02B Datasheet HTML 4Page - Honeywell Accelerometers WPMM1A02B Datasheet HTML 5Page - Honeywell Accelerometers WPMM1A02B Datasheet HTML 6Page - Honeywell Accelerometers WPMM1A02B Datasheet HTML 7Page - Honeywell Accelerometers WPMM1A02B Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6Honeywell•SensingandControl
Limitless™ WLS Series
ANTENNA OPTIONS
WAN01RSP
straight design,
2.2 dBi gain,
direct mount
connector
WAN02RSP
tilt & swivel design,
2.2 dBi gain,
direct mount
connector
WAN05RSP
&
WAMM100RSP-005
T/S, 9 dBi gain,
magnetic mount
WAN03RSP
flat design,
3 dBi gain,
adhesive mount
WAN06RNJ
straight design,
8 dBi gain,
bracket mount
WAN07RSP
straight design,
0 dBi gain, direct
mount connector
WAN11RSP
low-profile dome antenna,
4.0 dBi gain, through-hole screw mount
WAN09RSP
low-profile mobile antenna,
3.0 dBi gain, magnetic mount
WAN10RSP
straight mobile an-
tenna, 5.0 dBi gain,
magnetic mount
WPB1
WPMM mounting
bracket
WPR1
WPMM panel mount
retainer
WAN04RSP
tilt & swivel design,
5.5 dBi gain,
direct mount
connector
Antenna
Type Code
“01”
Antenna
Type Code
“02”
Antenna Type
Code “03”
Antenna
Type Code
“11”
Antenna Type
Code “04”


Similar Part No. - WPMM1A02B

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
WPMM1A02A HONEYWELL-WPMM1A02A Datasheet
406Kb / 8P
   Wireless Panel-Mount Monitor
More results

Similar Description - WPMM1A02B

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WOI1A00APAG HONEYWELL-ACC-WOI1A00APAG Datasheet
1Mb / 7P
   Limitless??Wireless Operator Interface
logo
Lumileds Lighting Compa...
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
   Unique LED enabling limitless design freedom
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
Phihong USA Inc.
PSS45W-090 PHIHONG-PSS45W-090 Datasheet
182Kb / 2P
   Single Output Adapter Series
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
HD-3000S ETC2-HD-3000S Datasheet
1Mb / 3P
   Single Channel HD-SDI Adapter
logo
PHOENIX CONTACT
2700150 PHOENIX-2700150 Datasheet
48Kb / 2P
   Adapter for single-hole mounting
logo
ETA-USA
WTA20-SX-Y-C2 ETA-USA-WTA20-SX-Y-C2 Datasheet
341Kb / 5P
   20 WATT SINGLE OUTPUT SWITCHING ADAPTER
DTT36-SX-W ETA-USA-DTT36-SX-W Datasheet
565Kb / 4P
   36 WATT SINGLE OUTPUT SWITCHING ADAPTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com