Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15GN03FA Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 15GN03FA
Description  VHF High-frequency Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15GN03FA Datasheet(HTML) 3 Page - Sanyo Semicon Device

  15GN03FA Datasheet HTML 1Page - Sanyo Semicon Device 15GN03FA Datasheet HTML 2Page - Sanyo Semicon Device 15GN03FA Datasheet HTML 3Page - Sanyo Semicon Device 15GN03FA Datasheet HTML 4Page - Sanyo Semicon Device 15GN03FA Datasheet HTML 5Page - Sanyo Semicon Device 15GN03FA Datasheet HTML 6Page - Sanyo Semicon Device 15GN03FA Datasheet HTML 7Page - Sanyo Semicon Device 15GN03FA Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
15GN03FA
No. A1107-3/8
0
20
40
60
80
100
120
140
160
IT08122
PC -- Ta
4
6
8
10
12
14
16
1.0
23
5
7
2
3
5
7
10
100
S21e
2 -- IC
Collector Current, IC -- mA
Ambient Temperature, Ta --
°C
IT08120
1.0
10
35
7
2
35
7
2
3
5
2
3
5
7
10
1.0
Collector Current, IC -- mA
IT08121
NF -- IC
5
7
2
3
1.0
5
7
2
3
1.0
Collector-to-Base Voltage, VCB -- V
IT08119
Cre -- VCB
0.1
23
5
5
72
3
5
23
7
1.0
10
23
5
5
72
3
5
23
7
1.0
10
0.1
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT08118
VCE=5V
f=400MHz
VCE=3V
f=400MHz
Z S
=50
Ω
Z S
=Zsopt
0
f=1MHz
0
250
300
200
150
100
50
f=1MHz


Similar Part No. - 15GN03FA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN03FA SANYO-15GN03FA Datasheet
56Kb / 6P
   VHF High-frequency Amplifier Applications
logo
ON Semiconductor
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
15GN03FA-TL-H ONSEMI-15GN03FA-TL-H Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
More results

Similar Description - 15GN03FA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN03NA SANYO-15GN03NA Datasheet
56Kb / 6P
   VHF High-frequency Amplifier Applications
15GN03FA SANYO-15GN03FA Datasheet
56Kb / 6P
   VHF High-frequency Amplifier Applications
15GN03F SANYO-15GN03F Datasheet
52Kb / 6P
   VHF High-frequency Amplifier Applications
2SC5538 SANYO-2SC5538 Datasheet
36Kb / 4P
   VHF to UHF OSC, High-Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
logo
Sanyo Semicon Device
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN03MA SANYO-15GN03MA Datasheet
56Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com