Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5693D Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA5693D
Description  Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693D Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA5693D Datasheet HTML 1Page - Sanyo Semicon Device LA5693D Datasheet HTML 2Page - Sanyo Semicon Device LA5693D Datasheet HTML 3Page - Sanyo Semicon Device LA5693D Datasheet HTML 4Page - Sanyo Semicon Device LA5693D Datasheet HTML 5Page - Sanyo Semicon Device LA5693D Datasheet HTML 6Page - Sanyo Semicon Device LA5693D Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LA5693D, LA5693MD
No.A2085-4/7
Test Circuit
VCC
VO
TR1
+
R8
VCONT VO
VS
LA5693
R1
CK
Ct
GND
RES(2)
RES(1)
+
R2
+
Ct
Cin
10
μF
390
Ω
CCK
0.01
μF
Co
100
μF
Application Circuit Example
VCC
VO
TR2
2SA1258
D1
DS13SE
TR3
2SC3331
RES(2)
CK
RES(1)
GND
Ct
Ct
CPU
VDD
VSS
RES
DO
+
+
R2
R1
+
R8
VCONT VO
VS
LA5693
2SA1289
TR1
VS=VREF ×
VREF≈1.18[V]
R2
+1
R1
[ms]
[ms]
[ms]
td=10×Ct(μF)
tWD=40×Ct(μF)
tWR=0.25×Ct(μF)
CCK
0.01
μF
Co
100
μF
Cin
10
μF
390
Ω
R5
750
Ω
R4
1k
Ω
R3
10k
Ω
R6
1.1k
Ω
R7
2.2k
Ω


Similar Part No. - LA5693D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
More results

Similar Description - LA5693D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5692D SANYO-LA5692D Datasheet
351Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com