Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75839PW Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC75839PW
Description  1/4 and 1/3-Duty General-Purpose LCD Display Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75839PW Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75839PW Datasheet HTML 7Page - Sanyo Semicon Device LC75839PW Datasheet HTML 8Page - Sanyo Semicon Device LC75839PW Datasheet HTML 9Page - Sanyo Semicon Device LC75839PW Datasheet HTML 10Page - Sanyo Semicon Device LC75839PW Datasheet HTML 11Page - Sanyo Semicon Device LC75839PW Datasheet HTML 12Page - Sanyo Semicon Device LC75839PW Datasheet HTML 13Page - Sanyo Semicon Device LC75839PW Datasheet HTML 14Page - Sanyo Semicon Device LC75839PW Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LC75839PW
No.A1953-11/27
(2) When CL is stopped at the high level
Note: DD is the direction data.
• CCB address ......................... “51H”
• D1 to D159 ........................... Display data
• PS10, PS11, PS2 to PS4 ........ General-purpose output port (P1 to P4) function setting control data
• EXF ...................................... External clock operating frequency setting control data
• P0 to P2 ................................ Segment output port/general-purpose output port switching control data
• DT ........................................ 1/4-duty 1/3-bias drive or 1/3-duty 1/3-bias drive switching control data
• DN ........................................ S52 pin and S53/OSCI pin state setting control data
• FC0 to FC2 ........................... Common/segment output waveform frame frequency control data
• OC ........................................ Internal oscillator operating mode/external clock operating mode switching control data
• SC ......................................... Segment on/off control data
• BU ........................................ Normal mode/power-saving mode control data
• PF0 to PF3 ............................ PWM output waveform frame frequency setting control data
• W10 to W15, W20 to W25,... PWM data of the PWM output
W30 to W35
FC0
SC
B1
B0
D2
D1
0
0
1
0
1
D53
D48
D47
DI
CL
CE
B3
B2
A1
A0
A3
A2
1
0
0
D50
D49
D52
D51
0
D54
0P1
P0
EXF
PS11
DT
P2
DN
BU
0
0
PS10
OC
FC1 FC2
PF2
B1
B0
0
0
1
0
1
D107
D102
D56
D55
B3
B2
A1
A0
A3
A2
1
0
0
0
D108
00
01
0
D106
D105
D104
D103
0 PS2
PS4
PS3
PF0 PF1
PF3
00
00
D101
W34
B1
B0
0
0
1
0
1
W10
D156
D110
D109
D155
B3
B2
A1
A0
A3
A2
1
0
0
W20
W15
W21
W23
W22
0
1
W24 W25
W31
W30
W32 W33
W35
W14
W13
W11 W12
D157 D158 D159 0
DD
2 bits
Control data
16 bits
Display data
54 bits
CCB address
8 bits
DD
2 bits
Display data
54 bits
CCB address
8 bits
DD
2 bits
Display data
51 bits
CCB address
8 bits
Control data
16 bits
Control data
19 bits


Similar Part No. - LC75839PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PW-H ONSEMI-LC75839PW-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWH-H ONSEMI-LC75839PWH-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWS-H ONSEMI-LC75839PWS-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Similar Description - LC75839PW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com