Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91030 Datasheet(PDF) 11 Page - Winbond

Part # W91030
Description  CALLING LINE IDENTIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91030 Datasheet(HTML) 11 Page - Winbond

Back Button W91030 Datasheet HTML 7Page - Winbond W91030 Datasheet HTML 8Page - Winbond W91030 Datasheet HTML 9Page - Winbond W91030 Datasheet HTML 10Page - Winbond W91030 Datasheet HTML 11Page - Winbond W91030 Datasheet HTML 12Page - Winbond W91030 Datasheet HTML 13Page - Winbond W91030 Datasheet HTML 14Page - Winbond W91030 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Preliminary W91030B
Publication Release Date: March 2000
- 11 -
Revision A1
Demodulated
internal
bit stream
start
0
b0
b1
b2
b3
b4
b5
b6
b7
1
0
stop
stop
start
DATA
b0 b1 b2 b3 b4 b5 b6 b7
DCLK
FDRN
1/fDCLK1
b7
b6
b5
1
b0
b0
b7
b6
tDDS
tDDH
Nth byte data
(N + 1)th byte data
(N - 1)th byte data
Nth byte data
t RL
Note 2
Note 1
1. FDRN cleared to high by DCLK.
2. FDRN not cleared, low for maximum time (1/2 bit width).
Notes:
Figure 7-8. Serial Data Interface Timing of FSK Demodulation in Mode 1
Other Functions
Interrupt
The interrupt INTN is an open drain output and is used to interrupt the microcontroller. Either RNGON
low, FDRN low or ALGO high will set INTN low and will remain low until all of these three pins return
to an inactive state. The microcontroller must read these pins to know what kind of interrupt occurred
and to make the correct interrupt response.
When the system is powered on, there is no charge on the capacitors. The voltage on the RNGRC pin
is low and RNGON will be low. Also the voltage on the ALGRC pin is high and ALGO will be high if
the SLEEP pin is low. This will cause an interrupt upon power up which will not be cleared until both
capacitors are charged. The microcontroller should therefore ignore the interrupt from these source
until the capacitors are charged up. The microcontroller can examine the RNGON and ALGO pins
and wait until these signals are inactive during a power on interrupt.
It is possible to clear the ALGO pin and its interrupt quickly by setting the SLEEP pin high. In the
sleep mode, the ALGO pin is forced low and the charge switch in Figure 7-4 will turn on, forcing the
capacitor to charge up rapidly.
Sleep Mode
The W91030B can go into a sleep mode by setting SLEEP high, resulting in reduced power
consumption. In this mode, the gain control op-amp, oscillator and all internal circuits, except the ring
detector are disabled. The RNGDI, RNGRC and RNGON pins are not affected, so the device can still
react to call arrival indicators and activate an interrupt to wake up the microcontroller. The sleep
mode can be disabled by the microcontroller.


Similar Part No. - W91030

ManufacturerPart #DatasheetDescription
logo
Winbond
W91031 WINBOND-W91031 Datasheet
274Kb / 29P
   LOW POWER CMOS INTERGRATED CIRCUIT
More results

Similar Description - W91030

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX602 CMLMICRO-FX602 Datasheet
822Kb / 29P
   CALLING LINE IDENTIFIER
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
   16-Line Cable Identifier/Tester Kit
logo
Motorola, Inc
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
logo
TE Connectivity Ltd
C-3-1440000-9 TEC-C-3-1440000-9 Datasheet
121Kb / 2P
   change logo,add cqc, line identifier, plating thickness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com