Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91314 Datasheet(PDF) 7 Page - Winbond

Part # W91314
Description  TONE/PULSE DIALER WITH REDIAL FUNCTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91314 Datasheet(HTML) 7 Page - Winbond

Back Button W91314 Datasheet HTML 3Page - Winbond W91314 Datasheet HTML 4Page - Winbond W91314 Datasheet HTML 5Page - Winbond W91314 Datasheet HTML 6Page - Winbond W91314 Datasheet HTML 7Page - Winbond W91314 Datasheet HTML 8Page - Winbond W91314 Datasheet HTML 9Page - Winbond W91314 Datasheet HTML 10Page - Winbond W91314 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
W91310 SERIES
Publication Release Date: January 1995
- 7 -
Revision A3
DC Characteristics, continued
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Keypad Input Drive Current
IKD
VI = 0V
30
-
-
µA
Keypad Input Sink Current
IKS
VI = 2.5V
200
400
-
µA
Keypad Resistance
-
-
5.0
K
AC CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Keypad Active in Debounce
TKID
-
20
-
mS
Key Release Debounce
TKRD
-
20
-
mS
Pre-digit Pause1
TPDP1
B/M = 1
-
40
-
mS
10 ppS
B/M = 0
-
33.3
-
Pre-digit Pause2
TPDP2
B/M = 1
-
20
-
mS
20 ppS
B/M = 0
-
16.7
-
Interdigit Pause (Auto
dialing)
TIDP
10 ppS
-
800
-
mS
20 ppS
-
500
-
Make/Break Ratio
M/B
B/M = 1
-
40:60
-
%
B/M = 0
-
33:67
-
DTMF Output Duration
TTD
Auto Dialing
-
100
-
mS
Intertone Pause
TITP
Auto Dialing
-
100
-
mS
Flash Break Time
TFB
W91314
-
73
-
mS
W91314A
-
100
-
W91312A
-
300
-
W91312/W91316
-
600
-
Flash Pause Time
TFP
W91314A
-
100
-
mS
W91314
-
140
-
W91312A
300
W91312/W91316
-
600
-
Pause Time
TP
W91312
-
2.0
-
S
W91314/A/W9131
6
-
3.6
-
Notes:
1. Crystal parameters suggested for proper operation are Rs < 100
Ω, Lm = 96 mH, Cm = 0.02 pF, Cn = 5 pF, Cl = 18 pF,
FOSC. = 3.579545 MHz
±0.02%.
2. Crystal oscillator accuracy directly affects these times.


Similar Part No. - W91314

ManufacturerPart #DatasheetDescription
logo
Winbond
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91314

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com