Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91330N Datasheet(PDF) 9 Page - Winbond

Part # W91330N
Description  TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91330N Datasheet(HTML) 9 Page - Winbond

Back Button W91330N Datasheet HTML 5Page - Winbond W91330N Datasheet HTML 6Page - Winbond W91330N Datasheet HTML 7Page - Winbond W91330N Datasheet HTML 8Page - Winbond W91330N Datasheet HTML 9Page - Winbond W91330N Datasheet HTML 10Page - Winbond W91330N Datasheet HTML 11Page - Winbond W91330N Datasheet HTML 12Page - Winbond W91330N Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
W91330N SERIES
Publication Release Date: May 1997
- 9 -
Revision A2
DC Characteristics, continued
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DTMF Output DC
Level
VTDC
RL = 5 K
Ω,
VDD = 2.0 to 5.5V
1.0
-
3.0
V
DTMF Output Sink
Current
ITL
VTO = 0.5V
0.2
-
-
mA
DP Output Sink
Current
IPL
VPO = 0.5V
0.5
-
-
mA
T/P MUTE Output Sink
Current
ITML
VTMO = 0.5V
0.5
-
-
mA
Key Tone Output
IKTH
VKTH = 2.0V
0.5
-
-
mA
Current
IKTL
VKTL = 0.5V
0.5
-
-
mA
HFO Drive/Sink
IHFH
VHFH = 2.0V
0.5
-
-
mA
Current
IHFL
VHFL = 0.5V
0.5
-
-
mA
Keypad Input Drive
Current
IKD
VI = 0.0V
30
-
-
µA
Keypad Input Sink
Current
IKS
VI = 2.5V
200
400
-
µA
HKS I/P Pull-High
Resistor
RHK
-
-
300
-
K
Keypad Resistance
RK
-
-
-
5
K
AC CHARACTERISTICS
(VDD
−VSS = 2.5V, FOSC. = 3.579545 MHz, TA = 25° C, all outputs unloaded.)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Key-in Debounce
TKID
-
-
20
-
mS
Key Release Debounce
TKRD
-
-
20
-
mS
Off-Hook Delay
TOFD
Lock only
-
300
-
mS
First Key-in Delay
TFKD
Lock only
-
300
-
mS
Pre-digit-pause1
TPDP1
Mode = VDD
-
40
-
mS
10 ppS
Mode = Floating
-
33.3
-
Pre-digit-pause2
TPDP2
Mode = VDD
-
20
-
mS
20 ppS
Mode = Floating
-
16.7
-
Interdigit Pause
TIDP
10 ppS
-
800
-
mS
(Auto Dialing)
20 ppS
-
500
-


Similar Part No. - W91330N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312 WINBOND-W91312 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312A WINBOND-W91312A Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91314 WINBOND-W91314 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91330N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com