Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91331N Datasheet(PDF) 7 Page - Winbond

Part # W91331N
Description  TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91331N Datasheet(HTML) 7 Page - Winbond

Back Button W91331N Datasheet HTML 3Page - Winbond W91331N Datasheet HTML 4Page - Winbond W91331N Datasheet HTML 5Page - Winbond W91331N Datasheet HTML 6Page - Winbond W91331N Datasheet HTML 7Page - Winbond W91331N Datasheet HTML 8Page - Winbond W91331N Datasheet HTML 9Page - Winbond W91331N Datasheet HTML 10Page - Winbond W91331N Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
W91330N SERIES
Publication Release Date: May 1997
- 7 -
Revision A2
If the pulses of the dialed digits
D1
to
Dn
have not finished,
R
will be ignored.
The redial function
by
R
key has no break time (2.2 sec.) if it is the first key in after off-
hook.
The
R
key uses the same redial buffer as the redial function
by
R/P1
or
R/P2
key,
and it is actived during normal dialing or repertory dialing.
Access Pause
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
D1
,
D2
,
R/P
,
D3
, ...,
Dn
1. The pause function can be stored in memory.
2. The pause function is executed in normal dialing, redial dialing, or memory dialing.
3. The pause duration of 2.0 or 3.6 seconds per pause is selected by keypad.
4. The detailed timing diagram for the pause function is shown in Figure 5.
5. Only one pause function can be released to user.
Pulse-to-tone (*/T)
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
D1
,
D2
, ...,
Dn
,
*/T
,
D1'
,
D2'
, ...,
Dn'
1. If the mode switch is set to pulse mode, then the output signal will be:
D1, D2,
…, Dn, Pause (2.0 sec. or 3.6 sec.), D1', D2', …, Dn'
(Pulse)
(Tone )
If pause1 is excuted, the pause time of pulse-to-tone function is 3.6S. If pause2 is excuted, the
pause time of the pulse-to-tone function is 2.0S.
2. If the mode switch is set to tone mode, then the output signal will be as follows:
D1, D2, ..., Dn, *, D1', D2', ..., Dn'
(Tone)
(Tone)
3. The dialer remains in tone mode when the digits have been dialed out and can be reset to pulse
mode only by going on-hook.
4. The pulse-to-tone function timing diagram is shown in Figure 6.
Flash
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
Fn
1. Fn = F1,
…, F4
2. The dialer will execute flash break time of 600 mS (F1), 100 mS (F2), 300 mS (F3), or 73 mS (F4)
before the next digit is dialed out. In each case, the pause time is 1.0 sec.


Similar Part No. - W91331N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312 WINBOND-W91312 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312A WINBOND-W91312A Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91314 WINBOND-W91314 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91331N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com