Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91342AN Datasheet(PDF) 7 Page - Winbond

Part # W91342AN
Description  10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91342AN Datasheet(HTML) 7 Page - Winbond

Back Button W91342AN Datasheet HTML 3Page - Winbond W91342AN Datasheet HTML 4Page - Winbond W91342AN Datasheet HTML 5Page - Winbond W91342AN Datasheet HTML 6Page - Winbond W91342AN Datasheet HTML 7Page - Winbond W91342AN Datasheet HTML 8Page - Winbond W91342AN Datasheet HTML 9Page - Winbond W91342AN Datasheet HTML 10Page - Winbond W91342AN Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
W91340N SERIES
Publication Release Date: May 1997
- 7 -
Revision A2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
DC Supply Voltage
VDD
−VSS
-0.3 to +7.0
V
VIL
VSS -0.3
V
Input/Output Voltage
VIH
VDD +0.3
V
VOL
VSS -0.3
V
VOH
VDD +0.3
V
Power Dissipation
PD
120
mW
Operation Temperature
TOPR
-20 to +70
°C
Storage Temperature
TSTG
-55 to +150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
DC CHARACTERISTICS
(VDD
−VSS = 2.5V, FOSC. = 3.579545 MHz, TA = 25° C, all outputs unloaded)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP. MAX.
UNIT
Operating Voltage
VDD
-
2.0
-
5.5
V
Operating Current
IOP
Tone, Unloaded
-
0.4
0.6
mA
Pulse, Unloaded
-
0.2
0.4
Standby Current
ISB
HKS = VSS, No load
& No key entry
-
-
15
µA
Memory Retention Current
IMR
HKS = VDD,
VDD = 1.0V
-
-
0.2
µA
DTMF Output Voltage
VTO
Row group,
RL = 5 K
130
150
170
mVrms
Pre-emphasis
-
Col/Row,
VDD = 2.0 to 5.5V
1
2
3
dB
DTMF Distortion
THD
RL = 5 K
Ω,
VDD = 2.0 to 5.5V
-
-30
-23
dB
DTMF Output DC Level
VTDC
RL = 5 K
Ω,
VDD = 2.0 to 5.5V
1.0
-
3.0
V
DTMF Output Sink Current
ITL
VTO = 0.5V
0.2
-
-
mA
DP Output Sink Current
IPL
VPO = 0.5V
0.5
-
-
mA
T/P MUTE Output Sink
Current
IML
VMO = 0.5V
0.5
-
-
mA


Similar Part No. - W91342AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312 WINBOND-W91312 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312A WINBOND-W91312A Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91314 WINBOND-W91314 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91342AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com