Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91360AN Datasheet(PDF) 8 Page - Winbond

Part # W91360AN
Description  3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91360AN Datasheet(HTML) 8 Page - Winbond

Back Button W91360AN Datasheet HTML 4Page - Winbond W91360AN Datasheet HTML 5Page - Winbond W91360AN Datasheet HTML 6Page - Winbond W91360AN Datasheet HTML 7Page - Winbond W91360AN Datasheet HTML 8Page - Winbond W91360AN Datasheet HTML 9Page - Winbond W91360AN Datasheet HTML 10Page - Winbond W91360AN Datasheet HTML 11Page - Winbond W91360AN Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
W91360N SERIES
- 8 -
DC Characteristics, continued
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP. MAX.
UNIT
T/P MUTE Output Sink
Current
IML
VMO = 0.5V
0.5
-
-
mA
H/P MUTE Output
IHPH
VHPH = 2.0V
0.5
-
-
mA
Drive/Sink Current
IHPL
VHPL = 0.5V
0.5
-
-
mA
HFO Drive/Sink Current
IHFH
VHFH = 2.0V
0.5
-
-
mA
IHFL
VHFL = 0.5V
0.5
-
-
mA
Keypad Input Drive Current
IKD
VI = 0.0V
30
-
-
µA
Keypad Input Sink Current
IKS
VI = 2.5V
200
400
-
µA
HKS I/P Pull-High Resistor
RHK
-
-
300
-
K
Keypad Resistance
RK
-
-
-
5.0
K
AC CHARACTERISTICS
(VDD
−VSS = 2.5V, FOSC. = 3.579545 MHz, TA = 25° C, all outputs unloaded)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Key-in Debounce
TKID
-
-
20
-
mS
Key Release Debounce
TKRD
-
-
20
-
mS
On-hook Debounce
TOHD
-
-
150
-
mS
Pre-digit Pause
TPDP
Mode = VDD
-
40
-
mS
10 ppS
Mode = Floating
-
33.3
-
Interdigit Pause
TIDP
10 ppS
-
800
-
mS
(Auto Dialing)
Make/Break Ratio
M/B
Mode = VDD
-
40:60
-
%
Mode = Floating
-
33.3:66.7
-
Tone Output Duration
TTD
Auto dialing
-
93
-
mS
Intertone Pause
TITP
Auto dialing
-
93
-
mS
F1
-
600
-
Flash Break Time
TFB
F2
-
300
-
mS
F3
73
F4
-
100
-
Flash Pause Time
TFP
F1, F2, F3, F4
-
1.0
-
S
Pause Time
TP
R/P
-
3.6
-
S
Notes:
1. Crystal parameters suggested for proper operation are Rs<100
Ω, Lm = 96 mH, Cm = 0.02 pF, Cn = 5 pF, Cl = 18 pF,
Fosc.= 3.579545 MHz
± 0.02%.
2. Crystal oscillator accuracy directly affects these times.


Similar Part No. - W91360AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312 WINBOND-W91312 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312A WINBOND-W91312A Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91314 WINBOND-W91314 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91360AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com