Electronic Components Datasheet Search |
|
STD15YT Datasheet(PDF) 22 Page - Tyco Electronics |
|
STD15YT Datasheet(HTML) 22 Page - Tyco Electronics |
22 / 85 page HTCM-SCE High temperature, low outgassing tie-on-cable marker tags 22 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers HTCM-SCE - 2.5K - 1/4 - 4H-9 Part numbering system Color Tie-wrap holes Markable height of marker (inches) Pack size Product family HTCM-SCE markers are flat, rigid, non-adhesive labels that can be used to identify large cables and wire bundles in high temperature environments and outer space applications where low vacuum outgassing is required. Marker tags are applied to cables or wire bundles using cable ties. Print performance meets or exceeds the requirements of SAE AS81531 4.6.2 and MIL-STD-202. Features and benefits I Side entry provides access to big size cables and wire bundles as well as retrofit and repair capability I High temperature use I Highly flame-retardant I Highly resistant to abrasion, mechanical abuses, fluids, lubricants and solvents I Low vacuum outgassing for outer space applications I Ease of use: markers can be easily removed from the carrier I Easy installation: only standard cable tie-wraps are needed to install markers. No extra steps required I Excellent print permanence when printing on the rough side of the marker Temperature rating Operating temperature range –55°C to +225°C –67°F to +437°F Specifications/approvals Tyco Electronics RW 2524 TTDS-022 Military Mark permanence: SAE AS81531 4.6.2 Solvent resistance: MIL-STD-202 Method 215J Printer information Tyco Electronics printer T312M (thermal transfer) Tyco Electronics ribbon TMS-RJS-RIBBON-4HT (thermal transfer) |
Similar Part No. - STD15YT |
|
Similar Description - STD15YT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |