Electronic Components Datasheet Search |
|
STD15WCOLON Datasheet(PDF) 28 Page - Tyco Electronics |
|
STD15WCOLON Datasheet(HTML) 28 Page - Tyco Electronics |
28 / 85 page HL Flame retardant tie-on cable marker tags 28 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers HL 150 YW 1 NF 033 B Part numbering system Pack size Printable width (mm) Format Scoring Color Marker height Product family Used to identify large cables and bundles either pre or post- termination, these flame retardant HL cable markers are suitable for use in environments with temperatures of –55°C to +135°C (–67°F to +275°F). The markers are easily applied with standard cable ties. HL markers are presented as organized markers assembled onto either a fanfolded or reeled paper carrier for ease of selection and kitting and are available in an extensive range of sizes. They are available with the surface designed for either dot matrix or thermal transfer printers. Features and benefits I Recommended for use where de-termination of wires is not possible for large ID wires or wire bundles I Heat resistant to +175°C for 168 hours or +250°C for 4 hours with no deterioration in properties I Several printable widths and heights available I Non-standard color options available Temperature rating Operating temperature range –55°C to +135°C –67°F to +275°F Specifications/approvals Tyco Electronics TTDS-037 Military SAE AS81531 4.6.2 MIL-STD-202 Method 215J Industry ASTM D 2671 Printer information Tyco Electronics printer AM 6310 (dot matrix) T312M (thermal transfer) Tyco Electronics ribbon 1892BK04 (dot matrix) 1892BK03 (dot matrix — high performance) TMS-RJS-RIBBON-4RPSCE |
Similar Part No. - STD15WCOLON |
|
Similar Description - STD15WCOLON |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |