Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91414A Datasheet(PDF) 7 Page - Winbond

Part # W91414A
Description  TONE/PULSE DIALER WITH SAVE FUNCTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91414A Datasheet(HTML) 7 Page - Winbond

Back Button W91414A Datasheet HTML 3Page - Winbond W91414A Datasheet HTML 4Page - Winbond W91414A Datasheet HTML 5Page - Winbond W91414A Datasheet HTML 6Page - Winbond W91414A Datasheet HTML 7Page - Winbond W91414A Datasheet HTML 8Page - Winbond W91414A Datasheet HTML 9Page - Winbond W91414A Datasheet HTML 10Page - Winbond W91414A Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
W91410 SERIES
Publication Release Date: January 1995
- 7 -
Revision A3
DC CHARACTERISTICS
(VDD
VSS = 2.5V, Fosc. = 3.58 MHz, TA = 25
° C, all outputs unloaded)
PARAMETER
SYMBOL
CONDITIONS
MIN. TYP
.
MAX.
UNIT
Operating Voltage
VDD
2.0
-
5.5
V
Operating Current
IOP
Tone
-
0.3
0.5
mA
Pulse
-
0.15
0.3
mA
Standby Current
ISB
HKS = 0, No load,
& No key entry
-
-
15
µA
Memory Retention
Current
IMR
HKS = 1, VDD = 1.0V
-
-
0.2
µA
DTMF Output
Voltage
VTO
Row group, RL = 5 K
130
150
170
mVrms
Pre-emphasis
Col/Row, VDD = 2.0 to 5.5V
1
2
3
dB
DTMF Distortion
THD
RL = 5 K
Ω, VDD = 2.0 to 5.5V
-
-30
-23
dB
DTMF Output DC
Level
VTDC
RL = 5 K
Ω, VDD = 2.0 to 5.5V
1.0
-
3.0
V
DTMF Output Sink
Current
ITL
VTO = 0.5V
0.2
-
-
mA
DP Output Sink
Current
IPL
VPO = 0.5V
0.5
-
-
mA
T/P MUTE Output
Sink Current
IML
VMO = 0.5V
0.5
-
-
mA
HKS I/P Pull-high
Resistor
RKH
-
300
-
K
Keypad Input Drive
Current
IKD
VI = 0V
30
-
-
µA
Keypad Input Sink
Current
IKS
VI = 2.5V
200
400
-
µA
Keypad Resistance
-
-
5.0
K


Similar Part No. - W91414A

ManufacturerPart #DatasheetDescription
logo
Winbond
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91432 WINBOND-W91432 Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91432N WINBOND-W91432N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91433N WINBOND-W91433N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91434G WINBOND-W91434G Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results

Similar Description - W91414A

ManufacturerPart #DatasheetDescription
logo
Winbond
W91460N WINBOND-W91460N Datasheet
167Kb / 15P
   3-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
logo
STMicroelectronics
MK53732 STMICROELECTRONICS-MK53732 Datasheet
874Kb / 12P
   TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
logo
Winbond
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com