Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91512DNF Datasheet(PDF) 6 Page - Winbond

Part # W91512DNF
Description  TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91512DNF Datasheet(HTML) 6 Page - Winbond

Back Button W91512DNF Datasheet HTML 2Page - Winbond W91512DNF Datasheet HTML 3Page - Winbond W91512DNF Datasheet HTML 4Page - Winbond W91512DNF Datasheet HTML 5Page - Winbond W91512DNF Datasheet HTML 6Page - Winbond W91512DNF Datasheet HTML 7Page - Winbond W91512DNF Datasheet HTML 8Page - Winbond W91512DNF Datasheet HTML 9Page - Winbond W91512DNF Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Preliminary W91510DN SERIES
- 6 -
FUNCTIONAL DESCRIPTION
Keyboard Operation
C1
C2
C3
C4
C5
DP
/ C6
1
2
3
HOLD1
R1
4
5
6
F4
HOLD2
R2
7
8
9
CHK
APSET
R3
*/T
0
#
R/P
RTC/HOUR
SET
R4
F1
F2
F3
OKR
TIM/MIN
Vx
*/T: * in tone mode and P
→T in pulse mode
F1, F2, F3, F4: Flash keys
R/P: Redial and pause function key
OKR: One-key redial function
RTC: Real time clock toggle key
TIM: a. Display last calling time
b. Start and/or stop counting up calling time
HOUR and MIN: Adjusting time setting keys
HOLD1, HOLD2: Hold function keys
APSET: Toggle to set RTC display mode
SET: Toggle the RTC set function on/off.
CHK: a. Check dialing number
b. Check dialing time
Note: D1, ..., Dn, D1', ..., Dn': 0, ..., 9,
∗/T, #
Normal Dialing
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
D1
,
D2
, ...,
Dn
1. D1, D2, ..., Dn will be dialed out.
2. Dialing length is unlimited, but redial is inhibited if length oversteps 32 digits in normal dialing.
Redialing
1.
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
D1
,
D2
,
Check Memory
(or
Number Store
),
D3
, ...,
Dn
, Busy, Come
ON HOOK
,
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
R/P


Similar Part No. - W91512DNF

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91511AN WINBOND-W91511AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91511N WINBOND-W91511N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
More results

Similar Description - W91512DNF

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560DN WINBOND-W91560DN Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Integral Corp.
IL91214 INTEGRAL-IL91214 Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com