Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91521N Datasheet(PDF) 9 Page - Winbond

Part # W91521N
Description  TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91521N Datasheet(HTML) 9 Page - Winbond

Back Button W91521N Datasheet HTML 5Page - Winbond W91521N Datasheet HTML 6Page - Winbond W91521N Datasheet HTML 7Page - Winbond W91521N Datasheet HTML 8Page - Winbond W91521N Datasheet HTML 9Page - Winbond W91521N Datasheet HTML 10Page - Winbond W91521N Datasheet HTML 11Page - Winbond W91521N Datasheet HTML 12Page - Winbond W91521N Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
W91520N SERIES
Publication Release Date: May 1997
- 9 -
Revision A3
AC CHARACTERISTICS
(VDD
−VSS = 2.5V, FOSC. = 3.579545 MHz, TA = 25° C, all outputs unloaded)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Key-in Debounce
TKID
-
-
20
-
mS
Key Release Debounce
TKRD
-
-
20
-
mS
On-hook Debounce
TOHD
-
-
150
-
mS
Pre-digit Pause1
TPDP1
Mode = VDD
-
40
-
mS
10 ppS
Mode = Floating
-
33.3
-
Pre-digit Pause2
TPDP2
Mode = VDD
-
20
-
mS
20 ppS
Mode = Floating
-
16.7
-
Interdigit Pause
TIDP
10 ppS
-
800
-
mS
(Auto Dialing)
20 ppS
-
500
-
Make/Break Ratio
M:B
Mode = VDD
-
40:60
-
%
Mode = Floating
-
33.3:66.7
-
Tone Output Duration
TTD
Auto dialing
-
93
-
mS
Intertone Pause
TITP
Auto dialing
-
93
-
mS
Flash Break Time
TFB
F1
-
600
-
F2
-
100
-
mS
F3
300
F4
-
73
-
Flash Pause Time
TFP
F1, F2, F3, F4
-
1.0
-
S
Pause Time
TP
R/P1
-
3.6
-
S
R/P2
-
2.0
-
One-key Redial Break
Time
TRB
-
-
2.2
-
S
One-key Redial Pause
Time
TRP
-
-
600
-
mS
Notes:
1. Crystal parameters suggested for proper operation are Rs < 100
Ω, Lm = 96 mH, Cm = 0.02 pF, Cn = 5 pF, Cl = 18 pF,
FOSC. = 3.579545 MHz
±0.02%.
2. Crystal oscillator accuracy directly affects these times.


Similar Part No. - W91521N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91521N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com