Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91530N Datasheet(PDF) 4 Page - Winbond

Part # W91530N
Description  13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91530N Datasheet(HTML) 4 Page - Winbond

  W91530N Datasheet HTML 1Page - Winbond W91530N Datasheet HTML 2Page - Winbond W91530N Datasheet HTML 3Page - Winbond W91530N Datasheet HTML 4Page - Winbond W91530N Datasheet HTML 5Page - Winbond W91530N Datasheet HTML 6Page - Winbond W91530N Datasheet HTML 7Page - Winbond W91530N Datasheet HTML 8Page - Winbond W91530N Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
W91530N SERIES
- 4 -
Pin Description, continued
SYMBOL
18-PIN
20-PIN
I/O
FUNCTION
LOCK
5
(only for
W91531LN)
5
(only for
W91531ALN)
I
The function of this terminal is to prevent "0" dialing and
"9" dialing under PABX system long distance call
control. When the first key input after reset is 0 or 9, all
key inputs, including the 0 or 9 key, become invalid and
the chip generates no output. The telephone is
reinitialized by a reset.
The function of the LOCK pin is shown below:
LOCK PIN
FUNCTION
VDD
VSS
Floating
"0", "9" dialing inhibited
Normal dialing mode
"0" dialing inhibited
DP / C5
11
13
O
N-channel open drain dialing pulse output.
Flash key will cause DP to be active in either tone mode
or pulse mode.
In lock mode, the DP remains low for 300 mS during off-
hook delay time.
The timing diagram for pulse mode is shown in Figure
1(a, b, c, d).
DTMF
12
14
O
During pulse dialing, this pin remains in low state
regardless of keypad input. In tone mode, it will output a
dual or single tone.
A detailed timing diagram for tone mode is shown in
Figure 2(a, b, c, d).
R1
R2
R3
R4
C1
C2
C3
Specified
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
Actual
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
Error %
OUTPUT FREQUENCY
VDD, VSS
14, 6
16, 6
I
Power input pins for the dialer chip. VDD is the main
power and VSS is the ground.


Similar Part No. - W91530N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91530N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com