Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91530AN Datasheet(PDF) 9 Page - Winbond

Part # W91530AN
Description  13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91530AN Datasheet(HTML) 9 Page - Winbond

Back Button W91530AN Datasheet HTML 5Page - Winbond W91530AN Datasheet HTML 6Page - Winbond W91530AN Datasheet HTML 7Page - Winbond W91530AN Datasheet HTML 8Page - Winbond W91530AN Datasheet HTML 9Page - Winbond W91530AN Datasheet HTML 10Page - Winbond W91530AN Datasheet HTML 11Page - Winbond W91530AN Datasheet HTML 12Page - Winbond W91530AN Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
W91530N SERIES
Publication Release Date: May 1997
- 9 -
Revision A3
2.
Repertory dialing
+
Normal dialing
+
Repertory dialing
(1st sequence)
(2nd sequence)
3.
Redialing
+
Normal dialing
+
Repertory dialing
(1st sequence)
(2nd sequence)
Redialing and save dialing is valid only for the first key-in.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
DC Supply Voltage
VDD
VSS
-0.3 to +7.0
V
Input/Output Voltage
VIL
VSS -0.3
V
VIH
VDD +0.3
V
VOL
VSS -0.3
V
VOH
VDD +0.3
V
Power Dissipation
PD
120
mW
Operating Temperature
TOPR
-20 to +70
°C
Storage Temperature
TSTG
-55 to +150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
DC CHARACTERISTICS
(VDD-VSS = 2.5V, Fosc. = 3.58 MHz, TA = 25
° C, all outputs unloaded)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
VDD
-
2.0
-
5.5
V
Operating Current
IOP
Tone
-
0.4
0.6
mA
Pulse
-
0.2
0.4
mA
Standby Current
ISB
HKS = 0, No load &
No key entry
-
-
15
µA
Memory Retention
Current
IMR
HKS = 1, VDD = 1.0V
-
-
0.2
µA
Tone Output Voltage
VTO
Row group, RL = 5 K
130
150
170
mVrm
s
Pre-emphasis
Col/Row, VDD = 2.0 to
5.5V
1
2
3
dB
DTMF Distortion
THD
RL = 5 K
Ω, VDD = 2.0 to
5.5V
-
-30
-23
dB
DTMF Output DC
Level
VTDC
RL = 5 K
Ω, VDD = 2.0 to
5.5V
1.0
-
3.0
V


Similar Part No. - W91530AN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91530AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com