Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31723PMB1 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX31723PMB1
Description  MAX31723PMB1 Peripheral Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31723PMB1 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX31723PMB1 Datasheet HTML 1Page - Maxim Integrated Products MAX31723PMB1 Datasheet HTML 2Page - Maxim Integrated Products MAX31723PMB1 Datasheet HTML 3Page - Maxim Integrated Products MAX31723PMB1 Datasheet HTML 4Page - Maxim Integrated Products MAX31723PMB1 Datasheet HTML 5Page - Maxim Integrated Products MAX31723PMB1 Datasheet HTML 6Page - Maxim Integrated Products MAX31723PMB1 Datasheet HTML 7Page - Maxim Integrated Products MAX31723PMB1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DESIGNATION
QTY
DESCRIPTION
C1
1
0.1FF Q10%, 16V X7R ceramic
capacitor (0603)
Murata GRM188R71C104KA01D
C2
1
1FF Q10%, 10V X7R ceramic
capacitor (0603)
TDK C1608X7R1A105K
J1
1
6-pin right-angle male header
JP1
1
10-pin (2 x 5) straight male
header
DESIGNATION
QTY
DESCRIPTION
R1–R4
4
150I Q5% resistors (0603)
R5
1
4.7kI Q5% resistor (0603)
R6
1
10kI Q5% resistor (0603)
U1
1
Digital thermometer and
thermostat (8 FMAXM)
Maxim MAX31723MUA+
3
Shorting jumpers
1
PCB: EPCB31723PM1
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
TDK Corp.
847-803-6100
www.component.tdk.com
PIN
SIGNAL
DESCRIPTION
1
SS
Chip enable. Must be asserted high for
communication to take place for either
the SPI or 3-wire interface.
2
MOSI
When SPI communication is selected,
this pin is the serial-data input for the
IC. When 3-wire communication is
selected, this pin carries bidirectional
data between the host and the IC.
3
MISO
When SPI communication is selected,
this pin is the serial-data output for
the IC. When 3-wire communication is
selected, this pin carries the IC TOUT
signal.
4
SCK
Serial clock. Used to synchronize data
movement on the serial interface for
either the SPI or 3-wire interface.
5
GND
Ground
6
VCC
Power supply
_________________________________________________________________ Maxim Integrated Products 2
MAX31723PMB1 Peripheral Module
Component List
Component Suppliers
Note: Indicate that you are using the MAX31723PMB1 when contacting these component suppliers
µMAX is a registered trademark of Maxim Integrated Products,
Inc.
Detailed Description
SPI/3-Wire Interface
The MAX31723PMB1 peripheral module can plug directly
into a Pmod-compatible port (configured for SPI/3-wire)
through connector J1. For information on SPI and 3-wire
protocols, refer to the MAX31723 IC data sheet. The user
selects between SPI and 3-wire communication protocols
by setting the correct jumper configuration on JP2. See
Figure 1 for proper jumper settings.
Connector J1 provides connection of the module to the
Pmod host. The pin functions and pin assignments adhere
to the Pmod standard recommended by Digilent. Note that
when this module is operating in 3-wire mode, the host-
side interface must be configured as GPIO to allow for bit-
banged communication. 3-wire mode has the advantage
of freeing up an interface pin on the IC to allow for connec-
tion to the thermostat/alarm output. See Table 1.
The JP1 jumper block is used to configure the communi-
cation mode with the host board. The peripheral module
can communicate in either SPI or 3-wire mode. The cor-
rect shunt settings are shown in Table 2 and Figure 1.
Table 1. Connector J1
(SPI/3-Wire Communication)


Similar Part No. - MAX31723PMB1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31723 MAXIM-MAX31723 Datasheet
943Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
Rev 0; 11/10
MAX31723MUA++ MAXIM-MAX31723MUA+ Datasheet
943Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
Rev 0; 11/10
MAX31723MUA++ MAXIM-MAX31723MUA+ Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
MAX31723MUA+T MAXIM-MAX31723MUA+T Datasheet
943Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
Rev 0; 11/10
MAX31723MUA+T MAXIM-MAX31723MUA+T Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
More results

Similar Description - MAX31723PMB1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231MPMB1 MAXIM-DS3231MPMB1 Datasheet
1Mb / 7P
   DS3231MPMB1 Peripheral Module
Rev 0; 5/12
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
   MAX14840PMB1 Peripheral Module
Rev 0; 5/12
MAX44000PMB1 MAXIM-MAX44000PMB1 Datasheet
1Mb / 7P
   MAX44000PMB1 Peripheral Module
Rev 0; 5/12
MAX3232PMB1 MAXIM-MAX3232PMB1 Datasheet
1Mb / 9P
   MAX3232PMB1 Peripheral Module
Rev 0; 5/12
MAX14850PMB1 MAXIM-MAX14850PMB1 Datasheet
1Mb / 7P
   MAX14850PMB1 Peripheral Module
Rev 0; 5/12
MAX31855PMB1 MAXIM-MAX31855PMB1 Datasheet
936Kb / 7P
   MAX31855PMB1 Peripheral Module
Rev 0; 5/12
MAX5825PMB1 MAXIM-MAX5825PMB1 Datasheet
1Mb / 8P
   MAX5825PMB1 Peripheral Module
Rev 0; 5/12
MAX7304PMB1 MAXIM-MAX7304PMB1 Datasheet
1Mb / 8P
   MAX7304PMB1 Peripheral Module
Rev 0; 5/12
DS1086LPMB1 MAXIM-DS1086LPMB1 Datasheet
1Mb / 8P
   DS1086LPMB1 Peripheral Module
Rev 0; 5/12
MAX4824PMB1 MAXIM-MAX4824PMB1 Datasheet
2Mb / 7P
   MAX4824PMB1 Peripheral Module
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com