Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31782ETL+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX31782ETL+T
Description  System Management Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31782ETL+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX31782ETL+T Datasheet HTML 1Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 2Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 3Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 4Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 5Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 6Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 7Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 8Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
System Management Microcontroller
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VDD to VSS ...........................................................-0.5V to +5.5V
ADxN to VSS.........................................................-0.3V to +0.3V
All Other Pins to VSS except
REG18 and REG25.............................. -0.5V to (VDD + 0.5V)*
SCL, SDA, MSDA, MSCL, P6.0–P6.4
Continuous Sink Current.................... 20mA each, 50mA total
P6.0–P6.4 Continuous Source Current...20mA each, 50mA total
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 35.7mW/NC above +70NC)...............2857.1mW
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +85NC, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25NC, unless otherwise
noted.)
ABSOLUTE MAXIMUM RATINGS
*Subject to not exceeding +5.5V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Operating Voltage Range
VDD
(Note 1)
2.7
5.5
V
Input Logic 1
VIH
0.7 x
VDD
VDD +
0.3
V
Input Logic 0
VIL
0
0.3 x
VDD
V
Input Logic-High: SCL, SDA,
MSDA, MSCL
VI2C_IH
2.7V P VDD P 3.6V (Note 1)
2.1
VDD +
0.3
V
3.6V P VDD P 5.5V
0.7 x
VDD
VDD +
0.3
Input Logic-Low: SCL, SDA,
MSDA, MSCL
VI2C_IL
2.7V P VDD P 3.6V (Note 1)
0
0.8
V
3.6V P VDD P 5.5V
0
0.3 x
VDD
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICPU
Assuming 100% CPU duty cycle (Note 2)
1.73
2.34
mA
ISTOP
(Note 2)
830
1250
µA
IPROGRAM
7
mA
Brownout Voltage
VBO
Monitors VDD (Note 1)
2.40
2.46
2.55
V
Brownout Hysteresis
VBOH
Monitors VDD (Note 1)
30
mV
Internal System Clock
fMOSC
4.0
MHz
System Clock Error (Note 3)
fERR:MOSC
Initial tolerance, TA = +25NC, VDD = 5.5V
-1
+1
%
+25NC P TA P +85NC
-2
+1
-40NC P TA P +25NC
-5.5
+0.6


Similar Part No. - MAX31782ETL+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782ETL+T MAXIM-MAX31782ETL+T Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 0; 6/10
More results

Similar Description - MAX31782ETL+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 0; 6/10
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 1; 11/11
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
   Central Management System
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
STMicroelectronics
AN2202 STMICROELECTRONICS-AN2202 Datasheet
128Kb / 12P
   STR73x microcontroller power management
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com