Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91510 Datasheet(PDF) 3 Page - Winbond

Part # W91510
Description  TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91510 Datasheet(HTML) 3 Page - Winbond

  W91510 Datasheet HTML 1Page - Winbond W91510 Datasheet HTML 2Page - Winbond W91510 Datasheet HTML 3Page - Winbond W91510 Datasheet HTML 4Page - Winbond W91510 Datasheet HTML 5Page - Winbond W91510 Datasheet HTML 6Page - Winbond W91510 Datasheet HTML 7Page - Winbond W91510 Datasheet HTML 8Page - Winbond W91510 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
W91510N SERIES
Publication Release Date: May 1997
- 3 -
Revision A2
Pin Description, continued
SYMBOL
18-PIN 20-PIN
I/O
FUNCTION
MODE
13
15
I
Pulling mode pin to VSS places the dialer in tone mode.
Pulling mode pin to VDD places the dialer in pulse mode
(10 ppS; 20 ppS for W91511N/511AN, M/B = 40:60).
Floating mode pin places the dialer in pulse mode
(10 ppS; 20 ppS for W91511N/511AN, M/B = 33.3:66.7).
HKS
10
12
I
Hook switch input.
HKS = VDD: On-hook state. Chip in sleeping mode, no
operation.
HKS = VSS: Off-hook state. Chip is enabled for normal
operation.
HKS pin is pulled to VDD by an internal resistor.
DP
11
13
O
N-channel open drain dialing pulse output.
Flash key will cause DP to be active in either tone mode or
pulse mode.
The timing diagram for pulse mode is shown in Figure 1(a, b,
c).
VDD, VSS
14, 6
16, 6
I
Power input pins.
KT
5
5
O
Key-tone signal output. The key tone is generated for all
valid keys. Frequency is 600 Hz and duration is 35 mS.
DTMF
12
14
O
In pulse mode, this pin remains in low state at all times.
In tone mode, it will output a dual or single tone.
Detailed timing diagram for tone mode is shown in Figure
2(a, b, c).
Specified
Actual
Error %
Output Frequency
R1
R2
R3
R4
C1
C2
C3
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34


Similar Part No. - W91510

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510DNF WINBOND-W91510DNF Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510NH WINBOND-W91510NH Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91510

ManufacturerPart #DatasheetDescription
logo
Winbond
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91410 WINBOND-W91410 Datasheet
210Kb / 12P
   TONE/PULSE DIALER WITH SAVE FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
logo
STMicroelectronics
MK53732 STMICROELECTRONICS-MK53732 Datasheet
874Kb / 12P
   TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com