Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91521AN Datasheet(PDF) 4 Page - Winbond

Part # W91521AN
Description  TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91521AN Datasheet(HTML) 4 Page - Winbond

  W91521AN Datasheet HTML 1Page - Winbond W91521AN Datasheet HTML 2Page - Winbond W91521AN Datasheet HTML 3Page - Winbond W91521AN Datasheet HTML 4Page - Winbond W91521AN Datasheet HTML 5Page - Winbond W91521AN Datasheet HTML 6Page - Winbond W91521AN Datasheet HTML 7Page - Winbond W91521AN Datasheet HTML 8Page - Winbond W91521AN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
W91520N SERIES
- 4 -
Pin Description, continued
SYMBOL
18-PIN
20-PIN
I/O
FUNCTION
HFI, HFO
-
10, 11
I, O
Handfree control pins. The handfree control state is
toggled on by a low pulse on the HFI input pin. The
status of the handfree control state is described in the
following table:
CURRENT STATE
Input
HFO
Dialing
High
Yes
On Hook
High
Low
No
Off Hook
High
Low
Yes
On Hook
Off Hook
Low
Yes
Off Hook
Low
On Hook
Low
No
Off Hook
High
On Hook
High
Yes
Low
Hook SW.
HFO
NEXT STATE
HFI
HFI
HFI
HFI pin is pulled to VDD by an internal resistor.
Detailed timing diagrams are shown in Figure 3.
BLOCK DIAGRAM
ROW
COLUMN
DTMF
XT
XT
RAM
COUNTER
SYSTEM CLOCK
GENERATOR
LOCATION
LATCH
D/A
ROW & COLUMN
PROGRAMMABLE
COUNTER
DATA LATCH
& DECODER
READ/WRITE
(R1 to R4, Vx)
(C1 to C4)
T/P MUTE
HFO
CONTROL
LOGIC
PULSE
CONTROL
LOGIC
KEYBOARD
INTERFACE
CONVERTER
MODE
HKS
HFI
DP/C5
H/P MUTE


Similar Part No. - W91521AN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91521AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com