Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91512NH Datasheet(PDF) 1 Page - Winbond

Part # W91512NH
Description  TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91512NH Datasheet(HTML) 1 Page - Winbond

  W91512NH Datasheet HTML 1Page - Winbond W91512NH Datasheet HTML 2Page - Winbond W91512NH Datasheet HTML 3Page - Winbond W91512NH Datasheet HTML 4Page - Winbond W91512NH Datasheet HTML 5Page - Winbond W91512NH Datasheet HTML 6Page - Winbond W91512NH Datasheet HTML 7Page - Winbond W91512NH Datasheet HTML 8Page - Winbond W91512NH Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Preliminary W91510DN SERIES
TONE/PULSE DIALER WITH RTC AND LCD
DISPLAY FUNCTIONS
Publication Release Date: May 1997
- 1 -
Revision A2
GENERAL DESCRIPTION
The W91510DN series ICs are Si-gate CMOS IC that provide the signals needed for either pulse or
tone dialing. They feature a 12/16-digit LCD driver for displaying telephone numbers and calling time.
A real time clock is included to display the time of day. The W91510DN series is fabricated using
CMOS technology and thus provide good performance in low voltage, low power applications.
FEATURES
One by 32 digits for redial
Uses 5
× 6 keyboard
Pause, pulse-to-tone (*/T) can be stored as a digit in memory
Flash can be stored as a digit in memory when in store mode
Minimum tone output duration: 87 mS
Minimum intertone pause: 87 mS
Tone/pulse mode pin selectable
Make/break ratio pin selectable
Dialing rate: 10 ppS
Pause time: 3.6 Sec.
Flash break time (73 mS, 100 mS, 300 mS or 600 mS) selectable by keypad
Built-in 12 or 16-digit LCD driver
(1/4 duty, 1/3 bias) selectable by mask option
Built-in calling timer from [00:00] to [59:59]
On-chip power-on reset and clear LCD
Uses 3.579545 MHz TV quartz crystal or ceramic resonator
Uses 32768 Hz crystal as RTC frequency base
Packaged in 64-pin plastic QFP with RTC
Switchable 24-hour clock or 12-hour clock with p.m. mode by keypad
0 or 9 dialing inhibition pin for PABX systems or long distance dialing lock out
On hook debounce: 150 mS in normal mode and 20 mS in lock mode
Off-hook delay 300 mS in lock mode (DP will keep low for 300 mS while off hook except the first
off hook after power on reset that DP will keep high for 100 mS then go low for 200 mS)
First key-in delay: 300 mS in lock mode
Mixed dialing allowed


Similar Part No. - W91512NH

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91511AN WINBOND-W91511AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91511N WINBOND-W91511N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
More results

Similar Description - W91512NH

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560DN WINBOND-W91560DN Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Integral Corp.
IL91214 INTEGRAL-IL91214 Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com