Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91550DNF-1 Datasheet(PDF) 4 Page - Winbond

Part # W91550DNF-1
Description  13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91550DNF-1 Datasheet(HTML) 4 Page - Winbond

  W91550DNF-1 Datasheet HTML 1Page - Winbond W91550DNF-1 Datasheet HTML 2Page - Winbond W91550DNF-1 Datasheet HTML 3Page - Winbond W91550DNF-1 Datasheet HTML 4Page - Winbond W91550DNF-1 Datasheet HTML 5Page - Winbond W91550DNF-1 Datasheet HTML 6Page - Winbond W91550DNF-1 Datasheet HTML 7Page - Winbond W91550DNF-1 Datasheet HTML 8Page - Winbond W91550DNF-1 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
W91550DN SERIES
- 4 -
Pin Description, continued
SYMBOL
PIN
I/O
FUNCTION
DTMF
35
O
In pulse mode, this pin remains in low state at all times.
In tone mode, it will output a dual or single tone. A detailed timing
diagram for tone mode is shown in Figure 2(a), 2(b), 2(c) 2(d).
Specified
Actual
Error %
Output Frequency
R1
R2
R3
R4
C1
C2
C3
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
VDD, VSS
38, 34
I
Power input pins.
B/M
36
I
Make: Break ratio select pin.
If B/M = VDD, the M/B ratio is 40:60.
If B/M = VSS, the M/B ratio is 33.3:66.7.
B/M pin is pulled to VDD by internal resistor.
S/ M
26
I
Save and mercury select pin.
If S/ M = VDD, the save function is selected.
If S/ M = VSS, the mercury function is selected.
S/ M pin is pulled to VDD by internal resistor.
ATS
41
I
If ATS = VDD, the auto timer function is enabled.
If ATS = VSS, the auto timer function is disabled.
ATS pin is pulled to VDD by internal resistor.


Similar Part No. - W91550DNF-1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91550DNF-1

ManufacturerPart #DatasheetDescription
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
logo
ARTSCHIP ELECTRONICS CO...
W91350N ARTSCHIP-W91350N Datasheet
3Mb / 15P
   13-MEMORY TONE/PULSE DIALER
logo
Winbond
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com