Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91560AN Datasheet(PDF) 9 Page - Winbond

Part # W91560AN
Description  3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91560AN Datasheet(HTML) 9 Page - Winbond

Back Button W91560AN Datasheet HTML 5Page - Winbond W91560AN Datasheet HTML 6Page - Winbond W91560AN Datasheet HTML 7Page - Winbond W91560AN Datasheet HTML 8Page - Winbond W91560AN Datasheet HTML 9Page - Winbond W91560AN Datasheet HTML 10Page - Winbond W91560AN Datasheet HTML 11Page - Winbond W91560AN Datasheet HTML 12Page - Winbond W91560AN Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
W91560N SERIES
Publication Release Date: February 1996
- 9 -
Revision A1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
DC Supply Voltage
VDD
VSS
-0.3 to +7.0
V
Input/Output Voltage
VIL
VSS -0.3
V
VIH
VDD +0.3
V
VOL
VSS -0.3
V
VOH
VDD +0.3
V
Power Dissipation
PD
120
mW
Operating Temperature
TOPR
-20 to +70
°C
Storage Temperature
TSTG
-55 to +150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
DC CHARACTERISTICS
(VDD
VSS = 2.5V, Fosc. = 3.58 MHz, TA = 25
° C, All outputs unloaded)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
VDD
-
2.0
-
5.5
V
Operating Current
IOP
Tone
-
0.40
0.60
mA
Pulse
-
0.20
0.40
mA
Standby Current
ISB
HKS = 0, No load &
No key entry
-
-
15
µA
Memory Retention
Current
IMR
HKS = 1, VDD = 1.0V
-
-
0.2
µA
Tone Output Voltage
VTO
Row group, RL = 5 K
130
150
170
mVrm
s
Pre-emphasis
-
Col/Row, VDD = 2.0 to
5.5V
1
2
3
dB
DTMF Distortion
THD
RL = 5 K
Ω, VDD = 2.0 to
5.5V
-
-30
-23
dB
DTMF Output DC
Level
VTDC
RL = 5 K
Ω, VDD = 2.0 to
5.5V
1.0
-
3.0
V
DTMF Output Sink
Current
ITL
VTO = 0.5V
0.2
-
-
mA
DP Output Sink
Current
IPL
VPO = 0.5V
0.5
-
-
mA


Similar Part No. - W91560AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560DN WINBOND-W91560DN Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
W91560DNF WINBOND-W91560DNF Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
W91560DNH WINBOND-W91560DNH Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
More results

Similar Description - W91560AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com