Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91560BN Datasheet(PDF) 1 Page - Winbond

Part # W91560BN
Description  3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91560BN Datasheet(HTML) 1 Page - Winbond

  W91560BN Datasheet HTML 1Page - Winbond W91560BN Datasheet HTML 2Page - Winbond W91560BN Datasheet HTML 3Page - Winbond W91560BN Datasheet HTML 4Page - Winbond W91560BN Datasheet HTML 5Page - Winbond W91560BN Datasheet HTML 6Page - Winbond W91560BN Datasheet HTML 7Page - Winbond W91560BN Datasheet HTML 8Page - Winbond W91560BN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
W91560N SERIES
3-MEMORY TONE/PULSE DIALER WITH SAVE,
KEYTONE, LOCK AND HANDFREE FUNCTIONS
Publication Release Date: February 1996
- 1 -
Revision A1
GENERAL DESCRIPTION
The W91560N series are tone/pulse switchable telephone dialers with three memories, keytone or
lock, and handfree dialing control. These chips are fabricated using Winbond's high-performance
CMOS technology and thus offer good performance in low-voltage, low-power operations.
FEATURES
DTMF/pulse switchable dialer
Two by 32 digit redial and save memory
Three by 16 digit one-touch direct repertory memory
Pulse-to-tone (*/T) keypad for long distance call operation
Cascaded dialing
Uses 5
× 5 keyboard
Easy operation with redial, flash, pause, and */T keypads
Pause, P
→T (pulse-to-tone) can be stored as a digit in memory
On-hook debounce time: 150 mS (Unlock Mode), 200 mS (Lock Mode)
0 or 9 dialing inhibition pin for PABX system or long distance dialing lock out
Dialing rate (10 ppS or 20 ppS) selectable by bonding option
Minimum tone output duration: 93 mS
Minimum intertone pause: 93 mS
Pause time: 3.6 sec.
300 mS off-hook delay in lock mode (DP remains low for 300 mS while off hook)
Flash break time (73 mS, 100 mS, 300 mS, or 600 mS) selectable by keypad; pause time is 1.0S
Make/break ratio (40:60 or 33.3:66.7) selectable by MODE pin
Key tone output for valid keypad entry recognition
On-chip power-on reset
Uses 3.579545 MHz crystal or ceramic resonator
18 or 20-pin dual-in-line plastic package
The different dialers in the W91560N series are shown in the following table:
TYPE NO.
REPLACEMENT
TYPE NO.
PULSE
(ppS)
FLASH
(mS)
KEY
TONE
LOCK
HANDFREE
DIALING
PACKAGE
(PINS)
W91560N
W91560
10
600/300/73/100
Yes
-
-
18
W91560AN
W91560A
10
600/300/73/100
Yes
-
Yes
20
W91560BN
W91560B
20
600/300/73/100
Yes
-
Yes
20
W91561LN
W91561L
10
600/300/73/100
-
Yes
-
18
W91561ALN
W91561ALN
10
600/300/73/100
-
Yes
Yes
20


Similar Part No. - W91560BN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560DN WINBOND-W91560DN Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
W91560DNF WINBOND-W91560DNF Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
W91560DNH WINBOND-W91560DNH Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
More results

Similar Description - W91560BN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com