Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91564DNF Datasheet(PDF) 7 Page - Winbond

Part # W91564DNF
Description  3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91564DNF Datasheet(HTML) 7 Page - Winbond

Back Button W91564DNF Datasheet HTML 3Page - Winbond W91564DNF Datasheet HTML 4Page - Winbond W91564DNF Datasheet HTML 5Page - Winbond W91564DNF Datasheet HTML 6Page - Winbond W91564DNF Datasheet HTML 7Page - Winbond W91564DNF Datasheet HTML 8Page - Winbond W91564DNF Datasheet HTML 9Page - Winbond W91564DNF Datasheet HTML 10Page - Winbond W91564DNF Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Preliminary W91560DN SERIES
Publication Release Date: May 1997
- 7 -
Revision A2
RTC: Real time clock toggle key
TIM: a. Display last calling time
b. Start and/or stop counting up calling time
HOUR and MIN: Adjusting time setting keys
HOLD1, HOLD2: Hold function keys
APSET: Toggle to set RTC display mode
SET: Toggle the RTC set function on/off.
CHK: a. Check dialing number
b. Check dialing time
c. Memory check
Notes: D1, ..., Dn, D1', ..., Dn': 0, ..., 9,
∗/T, #
Mn: Direct memory location M1, ..., M3
Normal Dialing
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
D1
,
D2
, ...,
Dn
1. D1, D2, ..., Dn will be dialed out.
2. Dialing length is unlimited, but redial is inhibited if length oversteps 32 digits in normal dialing.
Redialing
1.
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
D1
,
D2
,
Check
Memory
(or
Number Store
),
D3
, ...,
Dn
, Busy,
Come
ON
HOOK
,
OFF
HOOK
(or
ON HOOK
&
HFI ¡õ
),
R/P
a.
The
R/P
key can execute the redial function only after the first key-in is off-hook; otherwise,
it
will invoke the pause function.
b. The contents of redial memory are D3,
…, Dn.
c. Redial memory can be checked in memory check mode.
(
CHK
,
R/P
)
d. If the redialing length oversteps 32 digits, the redialing function will be inhibited.
2.
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
D1
,
D2
, ...,
Dn
, Busy,
OKR
a. If the dialing
of
D1
to
Dn
is finished, pressing the
OKR
key causes the pulse output
pin to go low for 2.2 seconds (break time) with 0.6 seconds of pause time automatically added.
b. If the pulses of the dialed
D1
to
Dn
have not finished,
OKR
will be ignored.


Similar Part No. - W91564DNF

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560AN WINBOND-W91560AN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91560BN WINBOND-W91560BN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91561ALN WINBOND-W91561ALN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91561LN WINBOND-W91561LN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
More results

Similar Description - W91564DNF

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91570DN WINBOND-W91570DN Datasheet
709Kb / 45P
   23-MEMORY TONE/PULSE DIALER WITH AUTOREDIAL REC AND LCD DISPLAY FUNCTIONS
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com