Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91611 Datasheet(PDF) 5 Page - Winbond

Part # W91611
Description  TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91611 Datasheet(HTML) 5 Page - Winbond

  W91611 Datasheet HTML 1Page - Winbond W91611 Datasheet HTML 2Page - Winbond W91611 Datasheet HTML 3Page - Winbond W91611 Datasheet HTML 4Page - Winbond W91611 Datasheet HTML 5Page - Winbond W91611 Datasheet HTML 6Page - Winbond W91611 Datasheet HTML 7Page - Winbond W91611 Datasheet HTML 8Page - Winbond W91611 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
W91610 SERIES
Publication Release Date: July 1996
- 5 -
Revision A3
2. Dialing length is unlimited, but redial is inhibited if length oversteps 32 digits in normal dialing.
3. Dialing mode is determined at the on/off hook transition.
Redialing
1.
OFF HOOK
,
D1
,
D2
, ...,
Dn
, Busy,
Come
ON HOOK
,
OFF HOOK
,
R
The
R
key executes the redialing
function.
2. Redial content = D1, D2, ..., Dn
OFF HOOK
,
R
,
D1'
,
D2'
,
P
→T , D3' , D4'
a. D1, D2, ..., Dn, D1', D2', P
→T, D3', D4' will be dialed out.
b. Redial register is changed to D1, D2, ..., Dn, D1', D2', P
→T, D3', D4'.
c.
OFF
HOOK
,
R
(1st)
D1, D2, ..., Dn, D1', D2', will be dialed
out,
R
(2nd); P
→T, D3', D4' will be dialed
out.
Access Pause
OFF HOOK
,
D1
,
D2
,
P
,
D3
, ...,
Dn
1. The pause function can be stored in memory.
2. The pause function may be executed in normal dialing, redialing, or memory dialing (4.0
sec/pause).
3. The pause function can be stored as the first digit in memory.
4. The pause time depends on the number of times the P key is depressed. For example, if the
sequence 1, 2, P, P, 4, 5, 6 is keyed in, then the pause time is 8 seconds.
5. The pause function timing diagram is shown in Figure 3.
Pulse-to-tone (P
→T)
1.
OFF HOOK
,
D1
,
D2
, ...,
Dn
,
P
→T , D1' , D2' , ..., Dn'
a. If the mode switch is set to pulse mode, then the output signal will be as follows:
D1, D2, ..., Dn, no pause, D1', D2', ..., Dn'
(Pulse)
(Tone)
In this case, the device can be reset to pulse mode only by going on-hook, because tone mode
remains enabled after the digits have been dialed out.


Similar Part No. - W91611

ManufacturerPart #DatasheetDescription
logo
Winbond
W91620 WINBOND-W91620 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91621 WINBOND-W91621 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
W91631 WINBOND-W91631 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
W91632 WINBOND-W91632 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91611

ManufacturerPart #DatasheetDescription
logo
Winbond
W91620 WINBOND-W91620 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com