Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1045SL Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD1045SL
Description  10A/45V Low VF Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD1045SL Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD1045SL Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD1045SL Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SD1045SL Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO-277 PACKAGE OUTLINE DIMENSIONS
No
Dimensions (mm)
No
Dimensions (mm)
A
1.25±0.10
e
1.84 Typ
A2
0.25±0.05
E1
5.30±0.10
b1
0.90±0.10
E2
3.50±0.10
b2
1.80±0.10
L
0.80±0.15
D
3.95±0.10
L1
0.60±0.10
D2
3.00 Typ
W
1.30±0.20
E
1.25±0.10
SD1045SL
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - SD1045SL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SD1045SL LUGUANG-SD1045SL Datasheet
218Kb / 3P
   10A/45V Low VF Schottky Rectifier
More results

Similar Description - SD1045SL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PSD1045SL LEIDITECH-PSD1045SL Datasheet
516Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD1045SL LUGUANG-SD1045SL Datasheet
218Kb / 3P
   10A/45V Low VF Schottky Rectifier
SD5U45SL LUGUANG-SD5U45SL Datasheet
1Mb / 3P
   10A/45V Low VF Schottky Rectifier
SD10U45L LUGUANG-SD10U45L Datasheet
823Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shanghai Leiditech Elec...
PSD10U45SL LEIDITECH-PSD10U45SL Datasheet
425Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD10U45SL LUGUANG-SD10U45SL Datasheet
199Kb / 3P
   10A/45V Ultra Low VF Schottky Rectifier
SD10U45SL LUGUANG-SD10U45SL Datasheet
193Kb / 3P
   10A/45V Ultra Low VF Schottky Rectifier
logo
SeCoS Halbleitertechnol...
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
   45V, 10A Low VF Schottky Barrier Rectifiers
logo
Central Semiconductor C...
CTLSH10-45M364 CENTRAL-CTLSH10-45M364 Datasheet
1Mb / 2P
   10A, 45V Low VF Schottky Rectifier in the TLM364 package
logo
Shenzhen Luguang Electr...
SD15S45SL LUGUANG-SD15S45SL Datasheet
8Mb / 4P
   15A/45V Low VF Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com