Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91633 Datasheet(PDF) 10 Page - Winbond

Part # W91633
Description  10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91633 Datasheet(HTML) 10 Page - Winbond

Back Button W91633 Datasheet HTML 6Page - Winbond W91633 Datasheet HTML 7Page - Winbond W91633 Datasheet HTML 8Page - Winbond W91633 Datasheet HTML 9Page - Winbond W91633 Datasheet HTML 10Page - Winbond W91633 Datasheet HTML 11Page - Winbond W91633 Datasheet HTML 12Page - Winbond W91633 Datasheet HTML 13Page - Winbond W91633 Datasheet HTML 14Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
W91630 SERIES
- 10 -
DC Characteristics, continued
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DTMF Output Sink Current
ITL
VTO = 0.5V
VDD = 2.5V
0.2
-
-
mA
DP /C5 Output Sink
Current
IPL
VPO = 0.5V
VDD = 2.5V
0.5
-
-
mA
P MUTE & T/P MUTE
Output Drive Current
IMH
VMO = 2.0V
VDD = 2.5V
0.2
-
-
mA
P MUTE & T/P MUTE
Output Sink Current
IML
VMO = 0.5V
VDD = 2.5V
0.5
-
-
mA
Keypad Input Drive Current
IKD
VI = 0V, VDD = 2.5V
4
-
-
µA
Keypad Input Sink Current
IKS
VI = 2.5V, VDD = 2.5V
200
400
-
µA
Keypad Resistance
RK
-
-
-
5.0
K
HKS Input Pull High
Resistance
RHK
-
-
300
-
K
Input Voltage Low Level
VIL
Pins 1, 2, 3, 4, 10, 13,
0
-
0.2
VDD
V
Input Voltage High Level
VIH
15, 16, 17, 18
0.8
VDD
-
VDD
V
AC CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Keypad Active in Debounce
TKID
-
-
20
-
mS
Key Release Debounce
TKRD
-
-
20
-
mS
Pre-digit Pause
TPDP1
Mode Pin =
Floating
-
33.3
-
mS
10 ppS
Mode Pin = VDD
-
40
-
Interdigit Pause (Auto Dialing)
TIDP
10 ppS
-
800
-
mS
Make/Break Ratio
M/B
M/B = 1:2
-
33:67
-
%
M/B = 2:3
-
40:60
-
DTMF Output Duration
TTD
Auto Dialing
-
90
-
mS
Intertone Pause
TITP
-
90
-
mS
Flash Break Time
TFB
W91630/1
-
300
-
mS
W91632/3
-
100
-
Flash Pause
TFP
-
-
800
-
mS
Pause Time
TP
-
-
4.0
-
S
Pre-tone Mute
TPTM
-
-
70
-
mS
Notes
:
1. Crystal parameters suggested for proper operation are RS
< 100 Ω, Lm = 96 mH, Cm = 0.02 pF, Cn = 5 pF, Cl = 18 pF,
FOSC. = 3.579545 MHz
±0.02%.


Similar Part No. - W91633

ManufacturerPart #DatasheetDescription
logo
Winbond
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91611 WINBOND-W91611 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91620 WINBOND-W91620 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91621 WINBOND-W91621 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
More results

Similar Description - W91633

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91620 WINBOND-W91620 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com