Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91633 Datasheet(PDF) 3 Page - Winbond

Part # W91633
Description  10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91633 Datasheet(HTML) 3 Page - Winbond

  W91633 Datasheet HTML 1Page - Winbond W91633 Datasheet HTML 2Page - Winbond W91633 Datasheet HTML 3Page - Winbond W91633 Datasheet HTML 4Page - Winbond W91633 Datasheet HTML 5Page - Winbond W91633 Datasheet HTML 6Page - Winbond W91633 Datasheet HTML 7Page - Winbond W91633 Datasheet HTML 8Page - Winbond W91633 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
W91630 SERIES
Publication Release Date: June 1996
- 3 -
Revision A3
Pin Description, continued
SYMBOL
PIN NO.
I/O
FUNCTION
HKS
10
I
Hook switch input. Conventional CMOS input with an internal
protection diode and a pull-high resistor to VDD.
HKS = VDD: On-hook state. Chip in sleep mode, no operation.
HKS = VSS: Off-hook state. Chip enabled for normal operation.
During dialing, this input ignores HKS = VDD for durations of less
than 150 mS (i.e., dialing is not terminated).
DP /C5
11
O
Open drain dialing pulse output (Figure 1).
Flash key causes DP /C5 to be active in both tone mode and pulse
mode.
DTMF
12
O
During pulse dialing, maintains low state at all times.
In tone mode, outputs a dual or single tone.
Detailed timing diagram for tone mode is shown in Figure 2(a, b).
OUTPUT FREQUENCY
Specified
Actual
Error %
R2
R3
R4
C1
C2
C3
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
R1
VDD, VSS
14, 6
I
Power input pins.
P MUTE
5
O
The P MUTE is a conventional CMOS inverter output. It is high
during pulse dialing sequence and flash break. Otherwise, it
remains low.


Similar Part No. - W91633

ManufacturerPart #DatasheetDescription
logo
Winbond
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91611 WINBOND-W91611 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91620 WINBOND-W91620 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91621 WINBOND-W91621 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
More results

Similar Description - W91633

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91620 WINBOND-W91620 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com