Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4031-SM Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4031-SM
Description  17 ??0 GHz MPA/Multiplier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4031-SM Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4031-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4031-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4031-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4031-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA4031-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA4031-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA4031-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA4031-SM Datasheet HTML 13Page - TriQuint Semiconductor TGA4031-SM Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
TGA4031-SM
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
April 2012 © Rev D
Measured 2X Multiplier Data
Bias Conditions: Vd = 5 V, Idq = 120 mA, Vg1 = -1.1 V, Pin = 9 dBm


Similar Part No. - TGA4031-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
   17 ??37 GHz MPA/Multiplier
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
   19 - 38GHz Medium Power Amplifier
TGA4036 TRIQUINT-TGA4036 Datasheet
303Kb / 11P
   19 to 38 GHz Medium Power Amplifier
More results

Similar Description - TGA4031-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4040 QORVO-TGA4040 Datasheet
283Kb / 11P
   17 -43 GHz MPA / Multiplier
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
   17 ??37 GHz MPA/Multiplier
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
   17 to 43 GHz MPA / Multiplier
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
   17 - 43GHz MPA/Multiplier
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com