Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4807 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA4807
Description  10.7Gb/s Modulator Driver Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4807 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA4807 Datasheet HTML 1Page - TriQuint Semiconductor TGA4807 Datasheet HTML 2Page - TriQuint Semiconductor TGA4807 Datasheet HTML 3Page - TriQuint Semiconductor TGA4807 Datasheet HTML 4Page - TriQuint Semiconductor TGA4807 Datasheet HTML 5Page - TriQuint Semiconductor TGA4807 Datasheet HTML 6Page - TriQuint Semiconductor TGA4807 Datasheet HTML 7Page - TriQuint Semiconductor TGA4807 Datasheet HTML 8Page - TriQuint Semiconductor TGA4807 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
TGA4807
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
RF SPECIFICATIONS
(TA = 25°C Nominal)
NOTE
TEST
MEASUREMENT
CONDITIONS
VALUE
UNITS
MIN
TYP
MAX
SMALL SIGNAL BW
10
GHz
1/, 2/
SMALL-SIGNAL
GAIN MAGNITUDE
2 GHz
4 GHz
6 GHz
10 GHz
14 GHz
18
17
16
15
12
dB
1/, 2/
SMALL SIGNAL AGC RANGE
2, 4, 6, 10, and
14GHz
20
dB
1/, 2/
INPUT RETURN LOSS
MAGNITUDE
2, 4, 6, 10, and
14GHz
10
dB
1/, 2/
OUTPUT RETURN LOSS
MAGNITUDE
2, 4, 6, 10, and
14GHz
12
dB
3/, 4/
SATURATED OUTPUT
POWER
2, 4, 6, 10, and
14GHz
25
dBm
3/, 4/
EYE AMPLITUDE
Vd(Rfout) = 7V
Vd(Rfout) = 6V
Vd(Rfout) = 5V
Vd(Rfout) = 4V
11.0
10.0
9.0
8.0
Vpp
3/, 5/
ADDITIVE JITTER
5ps
3/
RISE TIME
25
ps
Notes:
1/ Verified at package level RF probe.
2/ Bias: V+ = 7 V, adjust Vg1 to achieve Id = 250 mA, Vctrl = +1 V
3/ Verified by design, TGA4807 assembled onto a demonstration board shown on page 9 then tested
using the application circuit and bias procedure detailed on pages 7 and 8.
4/ Vin = 2 V, Data Rate = 12.5 Gb/s, Vctrl and Vg are adjusted for maximum output.
5/ Computed using RSS Method where Jpp_additive = SQRT(Jpp_out2 - Jpp_in2)


Similar Part No. - TGA4807

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
More results

Similar Description - TGA4807

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4819-SL TRIQUINT-TGA4819-SL Datasheet
385Kb / 11P
   10.7Gb/s Linear Optical Modulator Driver
logo
Vitesse Semiconductor C...
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
   SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
logo
TriQuint Semiconductor
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
   12.5Gb/s Modulator Driver Amplifier
logo
Texas Instruments
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
[Old version datasheet]   GSM RF MODULATOR/DRIVER AMPLIFIER
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
TGA4942-SL TRIQUINT-TGA4942-SL Datasheet
266Kb / 1P
   43Gb/s DPSK Modulator Driver
TGA4959-SL TRIQUINT-TGA4959-SL Datasheet
329Kb / 1P
   32Gb/s Differential Modulator Driver
logo
Filtronic Compound Semi...
MAX002 FILTRONIC-MAX002 Datasheet
41Kb / 2P
   Optical Communications - Modulator Driver Amplifier
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
   OC-192 MODULATOR DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com