Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91F811AN Datasheet(PDF) 10 Page - Winbond

Part # W91F811AN
Description  23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91F811AN Datasheet(HTML) 10 Page - Winbond

Back Button W91F811AN Datasheet HTML 6Page - Winbond W91F811AN Datasheet HTML 7Page - Winbond W91F811AN Datasheet HTML 8Page - Winbond W91F811AN Datasheet HTML 9Page - Winbond W91F811AN Datasheet HTML 10Page - Winbond W91F811AN Datasheet HTML 11Page - Winbond W91F811AN Datasheet HTML 12Page - Winbond W91F811AN Datasheet HTML 13Page - Winbond W91F811AN Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
W91F810N SERIES
- 10 -
4. The flash function timing diagram is shown in Figure 8.
Cascaded Dialing
OFF HOOK
(or
ON HOOK
&
HFI
)
1.
Normal Dialing
+
Repertory Dialing
+
Normal Dialing
(1st sequence)
(2nd sequence)
2.
Repertory Dialing
+
Normal Dialing
+
Repertory Dialing
(1st sequence)
(2nd sequence)
3.
Redialing
+
Normal Dialing
+
Repertory Dialing
(1st sequence)
(2nd sequence)
Redialing is valid only for the first key-in.
The second sequence should not be operated until the first sequence is dialed out completely.
Mute
OFF HOOK
,
MUTE
MUTE has an on/off toggle function.
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATING
UNIT
DC Supply Voltage
VDD-VSS
-0.3 to +7.0
V
VIL
VSS -0.3
V
Input/Output Voltage
VIH
VDD +0.3
V
VOL
VSS -0.3
V
VOH
VDD +0.3
V
Power Dissipation
PD
120
mW
Operation Temperature
TOPR
-20 to +70
°C
Storage Temperature
TSTG
-55 to +150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.


Similar Part No. - W91F811AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91F820ALN WINBOND-W91F820ALN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820AN WINBOND-W91F820AN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820LN WINBOND-W91F820LN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F822AN WINBOND-W91F822AN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results

Similar Description - W91F811AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com