Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR240 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SR240
Description  SCHOTTKY BARRIER RECTIFLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SR240 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  SR240 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SR240 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
XINGHE ELECTRONICS
星合电子


Similar Part No. - SR240

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR240 WTE-SR240 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR240 DGNJDZ-SR240 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR240 PACELEADER-SR240 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR240 SEMTECH_ELEC-SR240 Datasheet
315Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SR240 FRONTIER-SR240 Datasheet
432Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR240

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SR1020 GXELECTRONICS-SR1020 Datasheet
343Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
1N5817 GXELECTRONICS-1N5817 Datasheet
325Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
SR820S GXELECTRONICS-SR820S Datasheet
344Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
12SQ045 GXELECTRONICS-12SQ045 Datasheet
396Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
SS52 GXELECTRONICS-SS52 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
1N5820 GXELECTRONICS-1N5820 Datasheet
323Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
10SQ050 GXELECTRONICS-10SQ050 Datasheet
453Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
SR1535 GXELECTRONICS-SR1535 Datasheet
350Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
SS32 GXELECTRONICS-SS32 Datasheet
330Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
SR320 GXELECTRONICS-SR320 Datasheet
324Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com