Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91F822AN Datasheet(PDF) 10 Page - Winbond

Part # W91F822AN
Description  13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91F822AN Datasheet(HTML) 10 Page - Winbond

Back Button W91F822AN Datasheet HTML 6Page - Winbond W91F822AN Datasheet HTML 7Page - Winbond W91F822AN Datasheet HTML 8Page - Winbond W91F822AN Datasheet HTML 9Page - Winbond W91F822AN Datasheet HTML 10Page - Winbond W91F822AN Datasheet HTML 11Page - Winbond W91F822AN Datasheet HTML 12Page - Winbond W91F822AN Datasheet HTML 13Page - Winbond W91F822AN Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Preliminary W91F820N SERIES
- 10 -
AC CHARACTERISTICS
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Key-in Debounce
TKID
-
-
20
-
mS
Key Release Debounce
TKRD
-
-
20
-
mS
On-hook Debounce
TOHD
Lock Mode
-
20
-
mS
Unlock Mode
-
150
-
mS
Pre-digit Pause1
TPDP1
Mode Pin = VDD
-
40
-
mS
10 ppS
Mode Pin = Floating
-
33.3
-
mS
Pre-digit Pause2
TPDP2
Mode Pin = VDD
-
20
-
mS
20 ppS
Mode Pin = Floating
-
16.7
-
mS
Inter Digit Pause
(Auto Dialing)
TIDP
10 ppS
(W91F820N/W91F820AN/
F820LN/F820ALN
-
800
-
mS
20 ppS
(W91F822N/F822AN only)
-
500
-
mS
Interdigit Pause
TIDP
10 ppS
-
800
-
mS
(Auto dialing)
20 ppS
-
500
-
mS
Make/Break Ratio
M:B
Mode Pin = VDD
-
40:60
-
%
Mode Pin = Floating
-
33.3:66.7
-
%
Tone Output Duration
TTD
-
-
93
-
mS
Intertone Pause
TITP
-
-
93
-
mS
Flash Break Time
TFB
F1
-
600
-
mS
F2
-
300
-
F3
-
73
-
F4
-
100
-
Flash Pause Time
TFP
-
-
1.0
-
S
Pause Time
TP
-
-
3.6
-
S
Key Tone Frequency
FKT
-
-
1.2
-
KHz
Key Tone Duration
TKTD
-
-
35
-
mS
One-key Redialing
Pause Time
TRP
-
-
600
-
mS
One-key Redialing
Break Time
TRB
-
-
2.2
-
S
First Key-in Delay
TFKD
Lock only
-
300
-
mS
Notes:
1. Crystal parameters suggested for proper operation are Rs < 100
Ω, Lm = 96 mH, Cm = 0.02 pF, Cn = 5 pF, Cl = 18 pF,
Fosc. = 3.579545 MHz
±0.02%.
2. Crystal oscillator accuracy directly affects these times.


Similar Part No. - W91F822AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91F810ALN WINBOND-W91F810ALN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810AN WINBOND-W91F810AN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810LN WINBOND-W91F810LN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F811ALN WINBOND-W91F811ALN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results

Similar Description - W91F822AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com