Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD15-Applicator Datasheet(PDF) 63 Page - Tyco Electronics

Part # STD15-Applicator
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

STD15-Applicator Datasheet(HTML) 63 Page - Tyco Electronics

Back Button STD15-Applicator Datasheet HTML 59Page - Tyco Electronics STD15-Applicator Datasheet HTML 60Page - Tyco Electronics STD15-Applicator Datasheet HTML 61Page - Tyco Electronics STD15-Applicator Datasheet HTML 62Page - Tyco Electronics STD15-Applicator Datasheet HTML 63Page - Tyco Electronics STD15-Applicator Datasheet HTML 64Page - Tyco Electronics STD15-Applicator Datasheet HTML 65Page - Tyco Electronics STD15-Applicator Datasheet HTML 66Page - Tyco Electronics STD15-Applicator Datasheet HTML 67Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
TKM Hand writable booklet self-laminating labels
63
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
Ordering information
Available sizes and formats
Ordering
Markers/
A
B
C
Max. cable
description
pack
height
height
width
diameter
mm
inches
mm
inches
mm
inches
mm
inches
TKM75WE-N
60
75.00
3.0
25.00
1.00
25.00
1.00
14.00
0.60
TKM150WE-N
30
150.00
6.0
25.00
1.00
25.00
1.00
38.00
1.50
TKM230WE-N
30
230.00
9.0
25.00
1.00
25.00
1.00
63.00
2.50
Accessories for manual marking
Ordering
Description
Quantity per pack
description
ZUB-01
Felt-tip pen, fine
1
ZUB-03
Pencil for UV-resistant labelling
1
A
C
B


Similar Part No. - STD15-Applicator

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD150N3LLH6 STMICROELECTRONICS-STD150N3LLH6 Datasheet
948Kb / 16P
   N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
logo
SHENZHEN DOINGTER SEMIC...
STD150N3LLH6 DOINGTER-STD150N3LLH6 Datasheet
1Mb / 7P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
186Kb / 9P
   N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK??IPAK STripFET??III POWER MOSFET
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
492Kb / 16P
   N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
STD150NH02L-1 STMICROELECTRONICS-STD150NH02L-1 Datasheet
492Kb / 16P
   N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
More results

Similar Description - STD15-Applicator

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com