Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD15-Applicator Datasheet(PDF) 85 Page - Tyco Electronics

Part # STD15-Applicator
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

STD15-Applicator Datasheet(HTML) 85 Page - Tyco Electronics

Back Button STD15-Applicator Datasheet HTML 77Page - Tyco Electronics STD15-Applicator Datasheet HTML 78Page - Tyco Electronics STD15-Applicator Datasheet HTML 79Page - Tyco Electronics STD15-Applicator Datasheet HTML 80Page - Tyco Electronics STD15-Applicator Datasheet HTML 81Page - Tyco Electronics STD15-Applicator Datasheet HTML 82Page - Tyco Electronics STD15-Applicator Datasheet HTML 83Page - Tyco Electronics STD15-Applicator Datasheet HTML 84Page - Tyco Electronics STD15-Applicator Datasheet HTML 85Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 85 page
background image
CWM Wire marker cards
85
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Pre-Printed Wire and Cable Markers
Ordering information
Product Order Code
Legend Option
Package Quantity
Label Width Label Height Card Width
Card Height
mm
inches
mm
inches
mm
inches
mm
inches
CWM-SL-# *
Solid Numbers 0-99
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SL-letter *
Solid Letters A - Z
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SL-color *
Solid Colors
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SL-legend *
Solid 2+ Digits
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-1-33
Sequential 1 - 33
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-34-66
Sequential 34 - 66
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-67-99
Sequential 67 - 99
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-A-Z
Sequential A - Z
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-AA-ZZ
Sequential AA - ZZ
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-a-z
Sequential a - z
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-1-6
Sequential 1 - 6
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-1-18
Sequential 1 - 18
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
*Solid cards (SL) = 1 legend on each card. Select a single legend and add to the suffix of the product order code.
*Sequential cards (SQ) = a consecutive range of alpha or numeric legends on each card, as specified in the suffix of the product order code.
*Available options on product order code CWM-SL-legends are: T1, T2, T3, L1, L2, L3, GND, P1, A1, XS, PTO. Add legend suffix of order code.


Similar Part No. - STD15-Applicator

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD150N3LLH6 STMICROELECTRONICS-STD150N3LLH6 Datasheet
948Kb / 16P
   N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
logo
SHENZHEN DOINGTER SEMIC...
STD150N3LLH6 DOINGTER-STD150N3LLH6 Datasheet
1Mb / 7P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
186Kb / 9P
   N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK??IPAK STripFET??III POWER MOSFET
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
492Kb / 16P
   N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
STD150NH02L-1 STMICROELECTRONICS-STD150NH02L-1 Datasheet
492Kb / 16P
   N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
More results

Similar Description - STD15-Applicator

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com